Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2472 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2472
Description  2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2472 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2472 Datasheet HTML 1Page - RF Micro Devices RF2472 Datasheet HTML 2Page - RF Micro Devices RF2472 Datasheet HTML 3Page - RF Micro Devices RF2472 Datasheet HTML 4Page - RF Micro Devices RF2472 Datasheet HTML 5Page - RF Micro Devices RF2472 Datasheet HTML 6Page - RF Micro Devices RF2472 Datasheet HTML 7Page - RF Micro Devices RF2472 Datasheet HTML 8Page - RF Micro Devices RF2472 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RF2472
Rev A11 DS080128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
The RF2472 is a low-noise amplifier with internal bias circuitry. It is DC-coupled on the input and output; therefore, it can be
used to arbitrarily low frequency. It has useful gain to above 6GHz. Its design is optimized for use at 2.4GHz. Because of the
high-frequency gain, the designer must take care to ensure that the device will remain stable outside the desired operating fre-
quency. The RF2472 is capable of providing outstanding linearity, but to achieve this high performance, the circuit designer
must pay attention to the terminations that are presented to low-frequency intermodulation products.
Stability
The RF2472 must be stabilized for frequencies outside of the desired operating range. Ground connections should be kept as
short as possible. Wherever practical, ground should be provided by a via hole directly to a continuous ground layer. Highly
reflective terminations to the RF input and output pins should be avoided whenever possible. In most circumstances, a resistor
in parallel with an inductor in the bias line on pin 5 will improve the stability of the circuit. See the application schematics for
examples. The 10nH inductor in the bias line is part of an output impedance matching circuit. At higher frequencies, the
impedance of the matching circuit, alone, would become highly inductive. The large reactive termination of the output port
could cause the circuit to oscillate at a high frequency. The resistance in parallel with the inductor adds a real part to the high-
frequency termination that will have a stabilizing effect on the circuit.
Linearity
The 22nF bypass and coupling capacitors in the application schematics may seem excessively large for circuits intended to
operate at 1.9GHz and 2.4GHz. These large capacitors provide a low impedance path to ground for second-order mixing prod-
ucts that leads to improved third-order intermodulation performance. The effect is most easily seen for the input coupling
capacitor. A 100pF capacitor would provide low enough impedance to couple a 2.4GHz signal into the input pin of the RF2472.
However, low-frequency intermodulation products caused by second-order nonlinearities would be presented with a large reac-
tive impedance at the input pin. Relatively large voltages for these low-frequency products would be allowed to mix with the
fundamental signals at the input pin, resulting in relatively large, in-band, third-order products.
With a large coupling capacitor, the low-frequency products would be presented with a low impedance, via the input source
impedance, resulting in a lower voltage at the input pin. These products, in turn, would mix at a lower level with the fundamen-
tal signals to produce lower in-band, third-order products.
Some designers may be concerned about the self-resonant frequency of large coupling capacitors. A 22nF capacitor will prob-
ably pass through self resonance below 100MHz. Beyond resonance, the reactance of the capacitor will turn inductive, but the
internal losses of the capacitor will usually prevent the component from exhibiting a large reactive impedance.
Third-Order Intercept versus 1-dB Compression Point
For many devices, the third-order intercept point is approximately 10dB higher than the 1-dB compression point. This rule of
thumb does not apply for the RF2472. It is normal to find that the third-order intercept point is 20 dB higher than the 1-dB com-
pression point. This behavior is common for SiGe devices. The reason for the difference is that the 10dB rule is based on a
simple third-order polynomial model for device nonlinearities. For SiGe devices this simple model is not a good fit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com