Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2472 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2472
Description  2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2472 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2472 Datasheet HTML 1Page - RF Micro Devices RF2472 Datasheet HTML 2Page - RF Micro Devices RF2472 Datasheet HTML 3Page - RF Micro Devices RF2472 Datasheet HTML 4Page - RF Micro Devices RF2472 Datasheet HTML 5Page - RF Micro Devices RF2472 Datasheet HTML 6Page - RF Micro Devices RF2472 Datasheet HTML 7Page - RF Micro Devices RF2472 Datasheet HTML 8Page - RF Micro Devices RF2472 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
5
4
RF OUT
PD
VCC
GND
RF IN
RF2472
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
The RF2472 is a general purpose, low-cost, high-performance low noise
amplifier (LNA) designed for operation from a 2.7V to 4V supply with low
current consumption. The device is optimized for 2.4GHz LNA applica-
tions, but is also useful for 1.9GHz PCS, K-PCS, 900MHz ISM band,
1.5GHz GPS, and 4.9GHz to 5.9GHz WLAN applications. The RF2472 is
available in an industry-standard SOT23 5-lead surface mount package,
enabling compact designs which conserve printed circuit board space.
Features
DC to >6GHz Operation
2.7V to 4.0V Single Supply
High Input IP
3
1.5dB Noise Figure at
2400MHz
14dB Gain at 2400MHz
Low Current Consumption of
6mA at 3V
Applications
TDMA/CDMA PCS LNA
TDMA/CDMA/FM Cellular
LNA
ISM Band LNA/Driver
Low Noise Transmit Driver
Amplifier
General Purpose Amplifica-
tion
Commercial and Consumer
Systems
RF2472
2.4GHz Low Noise Amplifier with Enable (Sn-Pb finish)
RF2472G
2.4GHz Low Noise Amplifier with Enable (Matte-Sn (Pb-free) finish)
RF2472 PCBA-410
Fully Assembled Evaluation Board, 2.4GHz
RF2472 PCBA-411
Fully Assembled Evaluation Board, 1.9GHz
Rev A11 DS080128
RF2472
2.4GHz Low
Noise Ampli-
fier with
Enable
Package Style: SOT 5 Lead


Similar Part No. - RF2472

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2472 RFMD-RF2472 Datasheet
183Kb / 8P
2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G_11 Datasheet
219Kb / 11P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472PCBA-410 RFMD-RF2472PCBA-410 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
More results

Similar Description - RF2472

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2472 RFMD-RF2472 Datasheet
183Kb / 8P
2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
logo
RF Micro Devices
RF2472 RFMD-RF2472_06 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
Linear Technology
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC
logo
RF Micro Devices
RF5515 RFMD-RF5515 Datasheet
634Kb / 9P
4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G_11 Datasheet
219Kb / 11P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com