Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5515 Datasheet (PDF) - RF Micro Devices

RF5515 Datasheet PDF - RF Micro Devices
Part # RF5515
Download  RF5515 Download
File Size   634.44 Kbytes
Page   9 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE

RF5515 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5515 Datasheet PDF - RF Micro Devices

Part # RF5515
Download  RF5515 Click to download

File Size   634.44 Kbytes
Page   9 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE

RF5515 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RF5515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5516 RFMD-RF5516 Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5516PCK-410 RFMD-RF5516PCK-410 Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5516SB RFMD-RF5516SB Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5516SR RFMD-RF5516SR Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5516TR7 RFMD-RF5516TR7 Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results


Similar Description - RF5515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2472 RFMD-RF2472 Datasheet
183Kb / 8P
2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472_06 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472_1 Datasheet
329Kb / 12P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF5540 RFMD-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RF2472G RFMD-RF2472G_11 Datasheet
219Kb / 11P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RF5540 QORVO-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com