Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5515 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5515
Description  4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5515 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5515 Datasheet HTML 1Page - RF Micro Devices RF5515 Datasheet HTML 2Page - RF Micro Devices RF5515 Datasheet HTML 3Page - RF Micro Devices RF5515 Datasheet HTML 4Page - RF Micro Devices RF5515 Datasheet HTML 5Page - RF Micro Devices RF5515 Datasheet HTML 6Page - RF Micro Devices RF5515 Datasheet HTML 7Page - RF Micro Devices RF5515 Datasheet HTML 8Page - RF Micro Devices RF5515 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
2
N/C
1
RF IN
3
4
5RF OUT
6N/C
8
7
RF5515
4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER
WITH ENABLE
The RF5515 is a high performance Low Noise Amplifier design for
802.11a applications (4.9GHz to 5.85GHz) and other portable consumer
electronics. This miniature LNA features a high dynamic range and high
intercept point with low current consumption around 12mA. The LNA is
DC blocked and internally matched to 50
 at input and output pins. The
IC is featured in a 2.2mm x 2.2mm x 0.5mm module compatible plastic
package.
Features
4.9GHz to 5.85GHz Operation
2.3V to 4.8V Single Supply
1.6dB Noise Figure
11dB Typical Gain
Applications
High Band WiFi LNA/Driver
General Purpose Amplifier for
Portable Applications
RF5515
Standard 25 piece bag
RF5515SR
Standard 100 piece reel
RF5515TR7
Standard 2500 piece reel
RF5515PCK-410
Fully assembled evaluation board and 5 piece loose samples
DS111025
RF5515
4.9GHz to
5.85GHz Low
Noise Ampli-
fier with
Enable
Package Style: 2.2mm x 2.2mm x 0.5mm


Similar Part No. - RF5515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5516 RFMD-RF5516 Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5516PCK-410 RFMD-RF5516PCK-410 Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5516SB RFMD-RF5516SB Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5516SR RFMD-RF5516SR Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
RF5516TR7 RFMD-RF5516TR7 Datasheet
832Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results

Similar Description - RF5515

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2472 RFMD-RF2472 Datasheet
183Kb / 8P
2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472_06 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472_1 Datasheet
329Kb / 12P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF5540 RFMD-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
4.9GHz to 5.85GHz 802.11a/n Front End Module
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RF2472G RFMD-RF2472G_11 Datasheet
219Kb / 11P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
WiFi Integrated PA Module 4.9GHz to 5.85GHz
RF5540 QORVO-RF5540 Datasheet
594Kb / 7P
4.9GHz TO 5.85GHz SWITCH AND LNA FRONT END SOLUTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com