Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5515 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5515
Description  4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5515 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5515 Datasheet HTML 1Page - RF Micro Devices RF5515 Datasheet HTML 2Page - RF Micro Devices RF5515 Datasheet HTML 3Page - RF Micro Devices RF5515 Datasheet HTML 4Page - RF Micro Devices RF5515 Datasheet HTML 5Page - RF Micro Devices RF5515 Datasheet HTML 6Page - RF Micro Devices RF5515 Datasheet HTML 7Page - RF Micro Devices RF5515 Datasheet HTML 8Page - RF Micro Devices RF5515 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF5515
DS111025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
6.0
V
DC Supply Voltage (RF Applied)
5.25
V
Maximum Input Power (No
Damage)
10
dBm
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
Temp = 25°C, VDD = 3.3V, LNA_EN = 3.3V, Fre-
quency = 4.9GHz to 5.85GHz unless otherwise
noted in the condition column.
Frequency
4.9
5.85
GHz
LNA Voltage Supply (VDD)
2.7
3.3
4.8
V
LNA Enable Voltage (LNA_EN)
2.5
4.8
VDD
LNA Enabled
0
0.2
V
LNA Off
LNA Current
LNA VDD
6
12
20
mA
LNA in “On” state, over operating temperature
range, Full VDD range, full LNA_EN range, and
full frequency band.
05
ALNA in “Off” state
LNA Enable
200
A
Gain
LNA in “ON” State
8
11
14
dB
Over full operating temperature range, full VCC
range, Full LNA_EN range, and full frequency
range.
Noise Figure
LNA in “ON” State
1.2
1.7
2.4
dB
Over Full VDD range, full LNA_EN range, Full fre-
quency range, and over operating temperature
range.
Passband Ripple
-0.5
+0.5
dB
Rx Mode, LNA ON
Input P1dB
-4
-1
dBm
Over operating temperature range, full voltage
range, full LNA_EN range, and full frequency
range.
RF OUT Port Return Loss
-9.6
dB
4.9GHz to 5.85GHz
RF IN Port Return Loss
-9.6
dB
RF OUT Rx Port Impedance
50
No external matching
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com