Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5-315/EA/SVB Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # P5-315/EA/SVB
Description  Main switch, P5, 315 A, flush mounting, 3 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P5-315/EA/SVB Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  P5-315/EA/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
500 V
P
kW
132
690 V
P
kW
45
Rated operational current motor load switch
 
 
 
230 V
Ie
A
182
400 V 415 V
Ie
A
205
500 V
Ie
A
184
690 V
Ie
A
50
DC
 
 
 
DC-1, Load-break switches L/R = 1 ms
 
 
 
Rated operational current
Ie
A
315
Voltage per contact pair in series
 
V
42
DC-23A, motor load switch L/R = 15 ms
 
 
 
24 V
 
 
 
Rated operational current
Ie
A
315
Contacts
 
Quantity 3
48 V
 
 
 
Rated operational current
Ie
A
315
Contacts
 
Quantity 3
60 V
 
 
 
Rated operational current
Ie
A
315
Contacts
 
Quantity 3
120 V
 
 
 
Rated operational current
Ie
A
100
Contacts
 
Quantity 3
Control circuit reliability at 24 V DC, 10 mA
Fault
probability
HF
< 10-5,< 1 failure in 100,000 switching operations
Terminal capacities
Solid or stranded
 
mm2
1 x 185
2 x 70
Flexible with ferrules to DIN 46228
 
mm2
1 x 120
2 x 50
Copper strip
Number of
segments
x width x
thickness
mm
1 x 20 x 5
2 x 20 x 3
Terminal screw
 
 
Allen screw 6
Tightening torque for terminal screw
 
Nm
16
Technical safety parameters:
Notes
 
 
B10d values as per EN ISO 13849-1, table C1
Rating data for approved types
Contacts
 
 
 
Rated operational voltage
Ue
V AC
600
Rated uninterrupted current max.
 
 
 
Main conducting paths
 
 
 
General use
 
A
300
Auxiliary contacts
 
 
 
General Use
IU
A
10
Pilot Duty
 
 
A 600
Switching capacity
 
 
 
Maximum motor rating
 
 
 
Single-phase
 
 
 
120 V AC
 
HP
20
240 V AC
 
HP
35
277 V AC
 
HP
35
Three-phase
 
 
 
120 V AC
 
HP
40
240 V AC
 
HP
75
06/30/2020
Eaton 280950 ED2020 V70.0 EN
3 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com