Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5-315/EA/SVB Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # P5-315/EA/SVB
Description  Main switch, P5, 315 A, flush mounting, 3 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P5-315/EA/SVB Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  P5-315/EA/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P5-315/EA/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
480 V AC
 
HP
100
600 V AC
 
HP
100
Short Circuit Current Rating
 
SCCR  
Basic Rating
 
kA
10
max. Fuse
 
A
800 Class RK1
High fault rating
 
kA
65
max. Fuse
 
A
400, Class J
Terminal capacity
 
 
 
Solid or flexible conductor with ferrule
 
AWG
350 MCM
Flexible
 
AWG
300 MCM
Terminal screw
 
 
Allen screw 6
Tightening torque
 
lb-in
140
Design verification as per IEC/EN 61439
Technical data for design verification
 
 
 
Rated operational current for specified heat dissipation
In
A
315
Heat dissipation per pole, current-dependent
Pvid
W
12.7
Equipment heat dissipation, current-dependent
Pvid
W
0
Static heat dissipation, non-current-dependent
Pvs
W
0
Heat dissipation capacity
Pdiss
W
0
Operating ambient temperature min.
 
°C
-25
Operating ambient temperature max.
 
°C
50
IEC/EN 61439 design verification
 
 
 
10.2 Strength of materials and parts
 
 
 
10.2.2 Corrosion resistance
 
 
Meets the product standard's requirements.
10.2.3.1 Verification of thermal stability of enclosures
 
 
Meets the product standard's requirements.
10.2.3.2 Verification of resistance of insulating materials to normal heat
 
 
Meets the product standard's requirements.
10.2.3.3 Verification of resistance of insulating materials to abnormal heat
and fire due to internal electric effects
 
 
Meets the product standard's requirements.
10.2.4 Resistance to ultra-violet (UV) radiation
 
 
UV resistance only in connection with protective shield.
10.2.5 Lifting
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.2.6 Mechanical impact
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.2.7 Inscriptions
 
 
Meets the product standard's requirements.
10.3 Degree of protection of ASSEMBLIES
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.4 Clearances and creepage distances
 
 
Meets the product standard's requirements.
10.5 Protection against electric shock
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.6 Incorporation of switching devices and components
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.7 Internal electrical circuits and connections
 
 
Is the panel builder's responsibility.
10.8 Connections for external conductors
 
 
Is the panel builder's responsibility.
10.9 Insulation properties
 
 
 
10.9.2 Power-frequency electric strength
 
 
Is the panel builder's responsibility.
10.9.3 Impulse withstand voltage
 
 
Is the panel builder's responsibility.
10.9.4 Testing of enclosures made of insulating material
 
 
Is the panel builder's responsibility.
10.10 Temperature rise
 
 
The panel builder is responsible for the temperature rise calculation. Eaton will
provide heat dissipation data for the devices.
10.11 Short-circuit rating
 
 
Is the panel builder's responsibility. The specifications for the switchgear must be
observed.
10.12 Electromagnetic compatibility
 
 
Is the panel builder's responsibility. The specifications for the switchgear must be
observed.
10.13 Mechanical function
 
 
The device meets the requirements, provided the information in the instruction
leaflet (IL) is observed.
Technical data ETIM 7.0
Low-voltage industrial components (EG000017) / Switch disconnector (EC000216)
Electric engineering, automation, process control engineering / Low-voltage switch technology / Off-load switch, circuit breaker, control switch / Switch disconnector (ecl@ss10.0.1-27-37-14-03
[AKF060013])
Version as main switch
 
 
Yes
06/30/2020
Eaton 280950 ED2020 V70.0 EN
4 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com