Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM2016 Datasheet(PDF) 3 Page - SDMC Technology Co., Ltd

Part # DM2016
Description  Software Protect IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDMC [SDMC Technology Co., Ltd]
Direct Link  https://en.sdmctech.com/
Logo SDMC - SDMC Technology Co., Ltd

DM2016 Datasheet(HTML) 3 Page - SDMC Technology Co., Ltd

  DM2016 Datasheet HTML 1Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 2Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 3Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 4Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 5Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 6Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 7Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 8Page - SDMC Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DM2016 Data sheet
V2.2
Sep 04,2008
3
1、 FEATURES
Compliant with I
2
C bus standard
Support 2 I
2
C address select
Embedded 128bit OTP memory for key
Embedded 1024bit EEPROM, support single byte writing and multiple bytes reading
The interval of EEPROM writing operation is 12ms
Package type:SOP8
2、 BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com