Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM2016 Datasheet(PDF) 4 Page - SDMC Technology Co., Ltd

Part # DM2016
Description  Software Protect IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDMC [SDMC Technology Co., Ltd]
Direct Link  https://en.sdmctech.com/
Logo SDMC - SDMC Technology Co., Ltd

DM2016 Datasheet(HTML) 4 Page - SDMC Technology Co., Ltd

  DM2016 Datasheet HTML 1Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 2Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 3Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 4Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 5Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 6Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 7Page - SDMC Technology Co., Ltd DM2016 Datasheet HTML 8Page - SDMC Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DM2016 Data sheet
V2.2
Sep 04,2008
4
3、 SUMMARY
DM2016 is an encryption chip to prevent from copying. It can effectively protect software
design through a decryption arithmetic and the relative secret key of 128 bits. When inputting
encrypted code,the decryption will be excuted,and then generates the plain code.The secret
keys are stored in 128bit OTP memory.
Besides the decryption function, DM2016 embeds 1024bit EEPROM to store data,all the data
transfer is through I
2
C bus.
4、 PIN CONNECTION
5、 PIN DESCRIPTION
Pin Number
Signal Name
I/O
Type
Function
1
A0
I
TTL
I
2
C device address 0
2
STA
I
TTL
Reset,High level is active
3
NC
Not connect
4
GND
/
Power
Power ground
5
SDA
B
TTL
I
2
C data signal
6
SCL
I
TTL
I
2
C clock signal
7
NC
Not connect
8
VCC
/
Power
Power supply 3.3V
Note: STA Signal only accept resistance capacitance reset,The time of STA pulse with is two milliseconds;
and high level must be attained 2V.( The STA pin not support GPIO reset)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com