Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4955V3.3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4955V3.3
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955V3.3 Datasheet(HTML) 2 Page - STMicroelectronics

  L4955V3.3 Datasheet HTML 1Page - STMicroelectronics L4955V3.3 Datasheet HTML 2Page - STMicroelectronics L4955V3.3 Datasheet HTML 3Page - STMicroelectronics L4955V3.3 Datasheet HTML 4Page - STMicroelectronics L4955V3.3 Datasheet HTML 5Page - STMicroelectronics L4955V3.3 Datasheet HTML 6Page - STMicroelectronics L4955V3.3 Datasheet HTML 7Page - STMicroelectronics L4955V3.3 Datasheet HTML 8Page - STMicroelectronics L4955V3.3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VERSAWATT
(TO220)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
Supply Input Voltage
24
V
ADJ and CL pins
PG and INH pins
-0.3 to 4
0to VIN
V
V
PTOT
Power Dissipation @ Tamb =50
°C
Power Dissipation @ Tcase =90°C
2
15
W
W
Tst,Ti
Storage Temperature
-40 to +150
°C
PIN CONNECTIONS (Top views)
HEPTAWATT
1
2
3
4
5
6
7
OUT
PG
ADJ
GND
INH
CL
IN
D96IN367
tab connected to pin 4
OUT
GND
IN
1
3
D96IN369
IN
PROGRAM.
C.L.
PRE
REGULATOR
VREF=
1.26V
+
-
E/A
OUT
ADJ
GND
PG
CL
D96IN366
1(1)
3
26
4(2)
5
7(3)
PIN x = HEPTAWATT
PIN (x) = VERSAWATT
INHIBIT
ACTIVE HIGH
1.26V
INH
V
IN
10
µF
FIXED
C.L.
THERMAL
SHUTDOWN
FOLDBACK
BUFFER
CHARGE
PUMP
POWER
DMOS
150m
Ω
+
-
VREF
0.9V
REF
R1
22
µF
R2
VOUT
R
CL
(1/4W, 1%)
BLOCK DIAGRAM
L4955
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com