Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4955V3.3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4955V3.3
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955V3.3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4955V3.3 Datasheet HTML 2Page - STMicroelectronics L4955V3.3 Datasheet HTML 3Page - STMicroelectronics L4955V3.3 Datasheet HTML 4Page - STMicroelectronics L4955V3.3 Datasheet HTML 5Page - STMicroelectronics L4955V3.3 Datasheet HTML 6Page - STMicroelectronics L4955V3.3 Datasheet HTML 7Page - STMicroelectronics L4955V3.3 Datasheet HTML 8Page - STMicroelectronics L4955V3.3 Datasheet HTML 9Page - STMicroelectronics L4955V3.3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
-4 0 - 2 0
0
2 0
4 06 08 0 1 0 0 1 2 0 1 4 0 1 6 0
0. 4
0. 6
0. 8
1
1. 2
1. 4
1. 6
1. 8
2
2. 2
2. 4
2. 6
Tj [
° C]
Iq [m A ]
V in= 12V
Io ut = 1 0m A
t o
5 A
Figure 8: Quiescent Current vs. Temperature
(CL = 0V)
1k
1 0
100
10 k
10 0k
0
10
20
30
40
50
60
70
80
90
10 0
F r e q u enc y [ H z ]
R i p p le R e je c t io n [d B ]
C in = 22uF
C out = 2 2 u F
Vo u t = 1 . 2 6 V
Vin m in = 4 . 5 V
Io u t = 5 A
V r ipple = 3V p- p
V r ipple = 0 . 5V p - p
Figure 12: Ripple Rejection vs. Frequency
* P u ls e d tec n i qu e h a s been us ed
- 4 0
- 20
0
2 0
4 0
6 0
8 0
1 0 0 12 0 1 40 160
0
0.5
1
1.5
2
2.5
3
3.5
Tj [
°C]
S h o r t- c irc u it C u rre n t [A ]
R lim = 4 7 k
Ω
R lim = 1 3 k
Ω
R lim = 1 9 k
Ω
Figure 7: Short-circuit Current vs. Junction
Temperature with Programmable
Current Limiting
0
5
1 0
15
20
2 5
0
0. 5
1
1. 5
2
2. 5
3
3. 5
4
4. 5
5
Vi n [ V ]
Iq [ m A ]
Io = 1 0 m A t o 5 A
Tj= 2 5
° C
Tj= 1 2 5
° C
Tj= - 4 0
° C
Figure 9: Quiescent Current vs. Supply voltage
(CL = 0V)
Tj = 25
°C
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vin [V]
Iq [mA]
Rli m = 13k
Ω
Rlim = 47k
Ω
Figure 10: Quiescent Current vs. Supply Voltage
with Programmable Current Limiting
0
5
10
15
20
2 5
0
50
100
150
200
250
300
350
400
Vin [V ]
Iq [u A ]
Tj= 2 5
°C
Figure 11: Stand-by Current vs. Supply Voltage
with INH = LOGIC HIGH
L4955
L4955
6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com