Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4960 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4960
Description  2.5A POWER SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4960 Datasheet(HTML) 2 Page - STMicroelectronics

  L4960 Datasheet HTML 1Page - STMicroelectronics L4960 Datasheet HTML 2Page - STMicroelectronics L4960 Datasheet HTML 3Page - STMicroelectronics L4960 Datasheet HTML 4Page - STMicroelectronics L4960 Datasheet HTML 5Page - STMicroelectronics L4960 Datasheet HTML 6Page - STMicroelectronics L4960 Datasheet HTML 7Page - STMicroelectronics L4960 Datasheet HTML 8Page - STMicroelectronics L4960 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PIN CONNECTION (Top view)
2/16
N
°
NAME
FUNCTION
1
SUPPLY VOLTAGE
Unregulated voltage input. An internal regulator powers the
internal logic.
2
FEEDBACK INPUT
The feedback terminal of the regulation loop. The output is
connected directly to this terminal for 5.1V operation; it is
connected via a divider for higher voltages.
3
FREQUENCY
COMPENSATION
A series RC network connected between this terminal and
ground determines the regulation loop gain characteristics.
4
GROUND
Common ground terminal.
5
OSCILLATOR
A parallel RC network connected to this terminal determines the
switching frequency.
6
SOFT START
Soft start time constant. A capacitor is connected between this
terminal and ground to define the soft start time constant. This
capacitor also determines the average short circuit output
current.
7
OUTPUT
Regulator output.
PIN FUNCTIONS
Symbol
Parameter
Value
Unit
V1
Input voltage
50
V
V1 -V7
Input to output voltage difference
50
V
V7
Negative output DC voltage
-1
V
Negative output peak voltage at t = 0.1
µs; f = 100KHz
-5
V
V3,V6
Voltage at pin 3 and 6
5.5
V
V2
Voltage at pin 2
7V
I3
Pin 3 sink current
1
mA
I5
Pin 5 source current
20
mA
Ptot
Power dissipation at Tcase
≤ 90°C15
W
Tj,Tstg
Junction and storage temperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
L4960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com