Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4960 Datasheet (PDF) - STMicroelectronics

L4960 Datasheet PDF - STMicroelectronics
Part # L4960
Download  L4960 Download
File Size   189.91 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5A POWER SWITCHING REGULATOR

L4960 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4960 Datasheet PDF - STMicroelectronics

Part # L4960
Download  L4960 Click to download

File Size   189.91 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5A POWER SWITCHING REGULATOR

L4960 Datasheet (HTML) - STMicroelectronics


L4960 Product details

DESCRIPTION

The L4960 is a monolithic power switching regulator delivering 2.5A at a voltage variable from 5V to 40V in step down configuration.

Features of the device include current limiting, soft start, thermal protection and 0 to 100% duty cycle for continuous operation mode.

TheL4960 is mountedina Heptawattplastic power package and requires very few external components.

Efficient operation at switching frequencies up to 150KHz allows a reduction in the size and cost of external filter components.



■ 2.5A OUTPUT CURRENT

■ 5.1V TO 40V OPUTPUT VOLTAGE RANGE

■ PRECISE (± 2%) ON-CHIP REFERENCE

■ HIGH SWITCHING FREQUENCY

■ VERY HIGH EFFICIENCY (UP TO 90%)

■ VERY FEW EXTERNAL COMPONENTS

■ SOFT START

■ INTERNAL LIMITING CURRENT

■ THERMAL SHUTDOWN



 




Similar Part No. - L4960

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
L4960 SYC-L4960 Datasheet
318Kb / 15P
2.5A POWER SWITCHING REGULATOR
More results


Similar Description - L4960

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
Integrated Circuit Switching Regulator, 2.5A
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171_07 Datasheet
191Kb / 12P
100kHz 2.5A Switching Regulator
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com