Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4960 Datasheet (PDF) - SYC Electronica

L4960 Datasheet PDF - SYC Electronica
Part # L4960
Download  L4960 Download
File Size   318.95 Kbytes
Page   15 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 2.5A POWER SWITCHING REGULATOR

L4960 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4960 Datasheet PDF - SYC Electronica

Part # L4960
Download  L4960 Click to download

File Size   318.95 Kbytes
Page   15 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 2.5A POWER SWITCHING REGULATOR

L4960 Datasheet (HTML) - SYC Electronica


L4960 Product details

DESCRIPTION
The L4960 is a monolithic power switching regulator
delivering 2.5A at a voltage variable from 5V to
40V in step down configuration.
Features of the device include current limiting, soft
start, thermal protection and 0 to 100% duty cycle
for continuous operation mode.
The L4960 is mounted in a Heptawatt plastic power
package and requires very few external components.
Efficient operation at switching frequencies up to
150KHz allows a reduction in the size and cost of
external filter components.




Similar Part No. - L4960

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
L4960H STMICROELECTRONICS-L4960H Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
More results


Similar Description - L4960

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
Integrated Circuit Switching Regulator, 2.5A
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171_07 Datasheet
191Kb / 12P
100kHz 2.5A Switching Regulator
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
2.5A POWER SWITCHING REGULATOR
Jun-2000
logo
Unisonic Technologies
P1583 UTC-P1583 Datasheet
187Kb / 5P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com