Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4960H Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4960H
Description  2.5A POWER SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4960H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4960H Datasheet HTML 5Page - STMicroelectronics L4960H Datasheet HTML 6Page - STMicroelectronics L4960H Datasheet HTML 7Page - STMicroelectronics L4960H Datasheet HTML 8Page - STMicroelectronics L4960H Datasheet HTML 9Page - STMicroelectronics L4960H Datasheet HTML 10Page - STMicroelectronics L4960H Datasheet HTML 11Page - STMicroelectronics L4960H Datasheet HTML 12Page - STMicroelectronics L4960H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
APPLICATION INFORMATION
Figure 24. Typical application circuit
C1,C6,C7: EKR (ROE)
D1: BYW80 OR 5A SCHOTTKY DIODE
SUGGESTED INDUCTOR: L1 = 150
µHat 5A
CORE TYPE: MAGNETICS 58206 - A2 - MPP
N
° TURNS: 45, WIRE GAUGE: 0.8mm (20 AWG), COGEMA 946042
U15/GUP15:
N
° TURNS: 60, WIRE GAUGE: 0.8mm (20 AWG), AIR GAP: 1mm, COGEMA 969051.
Figure 25. P.C. board and component layout of
the Fig. 24 (1 : 1 scale)
Resistor values for
standard output voltages
Vo
R3
R4
12V
15V
18V
24V
4.7K
Ω
4.7K
Ω
4.7K
Ω
4.7K
Ω
6.2K
Ω
9.1K
Ω
12K
Ω
18K
Ω
9/16
L4960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com