Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4960H Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4960H
Description  2.5A POWER SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4960H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4960H Datasheet HTML 8Page - STMicroelectronics L4960H Datasheet HTML 9Page - STMicroelectronics L4960H Datasheet HTML 10Page - STMicroelectronics L4960H Datasheet HTML 11Page - STMicroelectronics L4960H Datasheet HTML 12Page - STMicroelectronics L4960H Datasheet HTML 13Page - STMicroelectronics L4960H Datasheet HTML 14Page - STMicroelectronics L4960H Datasheet HTML 15Page - STMicroelectronics L4960H Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12/16
APPLICATION INFORMATION (continued)
Figure 29. DC-DC converter 5.1V/4A,
± 12V/2.5A;a suggestion how to synchronizea negative output
L1, L3 = COGEMA 946042 (969051)
L2 = COGEMA 946044 (946045)
D1,D2,D3 = BYW80
Figure 30. - In multiple supplies several L4960s can be synchronized as shown
L4960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com