Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2376PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2376PCBA
Description  CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2376PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2376PCBA Datasheet HTML 1Page - RF Micro Devices RF2376PCBA Datasheet HTML 2Page - RF Micro Devices RF2376PCBA Datasheet HTML 3Page - RF Micro Devices RF2376PCBA Datasheet HTML 4Page - RF Micro Devices RF2376PCBA Datasheet HTML 5Page - RF Micro Devices RF2376PCBA Datasheet HTML 6Page - RF Micro Devices RF2376PCBA Datasheet HTML 7Page - RF Micro Devices RF2376PCBA Datasheet HTML 8Page - RF Micro Devices RF2376PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
6
5
4
VCC
GND
RF IN
RF OUT
GND
GC
ATTEN
RF2376
CELLULAR TDMA/CDMA LINEAR
VARIABLE GAIN AMPLIFIER
The RF2376 is a linear variable gain amplifier suitable for use in TDMA and CDMA
systems in the cellular band. The features of this device include linear gain control,
high gain, and low noise figure. The IC is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (GaAs HBT) process and is featured in
an industry-standard miniature 6-lead plastic SOT package.
Features
50dB Linear Gain Control
Range
27dB Maximum Gain
Single 2.7V to 3.3V Supply
30mA Supply Current
High Linearity
7dB Noise Figure
Applications
CDMA Cellular Handsets
TDMA Cellular Handsets
RF2376Cellular TDMA/CDMA Linear Variable Gain Amplifier
RF2376 PCBA
Fully Assembled Evaluation Board
Rev A2 DS010829
Preliminary
Package: SOT23-6


Similar Part No. - RF2376PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2376PCBA RFMD-RF2376PCBA Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376PCBA RFMD-RF2376PCBA Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2376PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377 Datasheet
123Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381 Datasheet
102Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
logo
RF Micro Devices
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2377 RFMD-RF2377_06 Datasheet
147Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2381 RFMD-RF2381_1 Datasheet
261Kb / 10P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com