Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6532GF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6532GF
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6532GF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6532GF Datasheet HTML 1Page - Monolithic Power Systems MP6532GF Datasheet HTML 2Page - Monolithic Power Systems MP6532GF Datasheet HTML 3Page - Monolithic Power Systems MP6532GF Datasheet HTML 4Page - Monolithic Power Systems MP6532GF Datasheet HTML 5Page - Monolithic Power Systems MP6532GF Datasheet HTML 6Page - Monolithic Power Systems MP6532GF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EV6532-F-00A
– 5V TO 60V, 3-PHASE BLDC MOTOR PRE-DRIVER EVAL BOARD
EV6532-F-00A Rev. 1.0
www.MonolithicPower.com
5
8/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
EV6532-F-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
Hall sensor
5-bits/
2.54mm
Connector
DIP
Any
5
VIN, VIN_GND,
HAS, HBS,
HCS
Φ =
2mm
Connector
DIP
Any
12
OC_REF,
nFAULT, VH,
VH_GND,
HAD, HBD,
HCD, LAS,
LBS, LCS,
GND, GND
Φ =
1mm
Connector
DIP
Any
1
U1
60V
3-phase BLDC
motor pre-driver
TSSOP-28EP
(9.7mmx6.4mm)
MPS
MP6532GF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com