Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6532GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6532GF
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6532GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6532GF Datasheet HTML 1Page - Monolithic Power Systems MP6532GF Datasheet HTML 2Page - Monolithic Power Systems MP6532GF Datasheet HTML 3Page - Monolithic Power Systems MP6532GF Datasheet HTML 4Page - Monolithic Power Systems MP6532GF Datasheet HTML 5Page - Monolithic Power Systems MP6532GF Datasheet HTML 6Page - Monolithic Power Systems MP6532GF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV6532-F-00A
5V to 60V, Three-Phase Brushless
DC Motor Pre-Driver Evaluation Board
EV6532-F-00A Rev. 1.0
www.MonolithicPower.com
1
8/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The EV6532-F-00A is an evaluation board for
the MP6532, a three-phase brushless DC motor
pre-driver.
The MP6532 operates from a supply voltage of
up to 60V. It is configured to drive three half-
bridges consisting of six N-channel power
MOSFETs. The rotor position information is
provided by the Hall sensors assembled in the
motor, and the driving control signals are
generated by an external controller, such as an
MCU, or FPGA.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input voltage
VIN
5 to 60
V
OC_REF
OC_REF
0.1 to 2.4
V
Hall voltage
VH
3.3 or 5
V
FEATURES
 Wide 5V to 60V Input Voltage Range
 Configurable OCP Threshold
 Supports 100% Duty Cycle Operation
 OCP and OTP
 Fault Indication Output
APPLICATIONS
 Three-Phase Brushless DC Motors and
Permanent Magnet Synchronous Motors
(PMSMs)
 Power Drills
 Impact Drivers
 E-Bikes
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
EV6532-F-00A EVALUATION BOARD
(LxWxH) 11.7cmx7.8cmx1cm
Board Number
MPS IC Number
EV6532-F-00A
MP6532GF


Similar Part No. - MP6532GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6532 MPS-MP6532 Datasheet
838Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
More results

Similar Description - MP6532GF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
logo
Monolithic Power System...
EV6534-U-00A MPS-EV6534-U-00A Datasheet
368Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EV6535-U-00A MPS-EV6535-U-00A Datasheet
343Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EVKT6532 MPS-EVKT6532 Datasheet
838Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
EVKT6530 MPS-EVKT6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6529 MPS-MP6529 Datasheet
472Kb / 13P
5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
MP6531A MPS-MP6531A Datasheet
1Mb / 18P
5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com