Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2422 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2422
Description  2.5GHZ DIRECT QUADRATURE MODULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2422 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2422 Datasheet HTML 1Page - RF Micro Devices RF2422 Datasheet HTML 2Page - RF Micro Devices RF2422 Datasheet HTML 3Page - RF Micro Devices RF2422 Datasheet HTML 4Page - RF Micro Devices RF2422 Datasheet HTML 5Page - RF Micro Devices RF2422 Datasheet HTML 6Page - RF Micro Devices RF2422 Datasheet HTML 7Page - RF Micro Devices RF2422 Datasheet HTML 8Page - RF Micro Devices RF2422 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
I REF
Q REF
GND2
GND2
GND2
LO
VCC1
PD
I SIG
Q SIG
GND1
GND1
GND1
VCC2
GND1
RF OUT
Σ
POWER
CONTROL
-45°
+45°
RF2422
2.5GHZ DIRECT QUADRATURE MODULATOR
The RF2422 is a monolithic integrated quadrature modulator IC capable
of universal direct modulation for high-frequency AM, PM, or compound
carriers. This low-cost IC implements differential amplifiers for the modu-
lation inputs, 90° carrier phase shift network, carrier limiting amplifiers,
two matched double-balanced mixers, summing amplifier, and an output
RF amplifier which will drive 50
Ω from 800MHz to 2500MHz. Component
matching, which can only be accomplished with monolithic construction,
is used to full advantage to obtain excellent amplitude balance and phase
accuracy.
Features
Single 5V Power Supply
Integrated RF Quadrature
Network
No Tuning Required
Low LO Input Level
Digitally Controlled Power
Down Mode
800MHz to 2500MHz Opera-
tion
Applications
Digital Communications Sys-
tems
Spread-Spectrum Communi-
cation Systems
GMSK,QPSK,DQPSK,QAM
Modulation
GSM, DCS 1800, JDC, D-
AMPS Systems
Commercial and Consumer
Systems
RF2422
2.5GHz Direct Quadrature Modulator
RF2422PCBA-41X
Fully Assembled Evaluation Board
Rev A6 DS070817
RoHS Compliant & Pb-Free Product
Package Style: SOIC-16


Similar Part No. - RF2422

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422PCBA RFMD-RF2422PCBA Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422PCBA RFMD-RF2422PCBA Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2422

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_06 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
RF Micro Devices
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com