Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2688 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC2688
Description  SILICON NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC2688 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC2688 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SC2688 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC2688(3DA2688)
硅 NPN 半导体三极管/SILICON NPN TRANSISTOR
用途:用于彩电色度输出电路。
Purpose: Color TV chroma output circuits.
特点:C
re 小,fT 高。
Features: Low Cre, high fT.
极限参数/Absolute maximum ratings(Ta=25℃)
电性能参数/Electrical characteristics(Ta=25℃)
数值
Rating
参数符号
Symbol
测试条件
Test condition
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
I
CBO
V
CB=200V
I
E=0
0.1
μA
I
EBO
V
EB=5.0V
I
C=0
0.1
μA
h
FE
V
CE=10V
I
C=10mA
40
250
V
CE(sat)
I
C=50mA
I
B=5.0mA
1.5
V
f
T
V
CE=30V
I
C=10mA
50
80
MHz
C
re
V
CB=30V
I
E=0
f=1.0MHz
3.0
pF
h
FE 分档/hFE classifications:
N:40~80
M:60~120
L:100~200
K:160~250
参数符号
Symbol
数值
Rating
单位
Unit
V
CBO
300
V
V
CEO
300
V
V
EBO
5.0
V
I
C
200
mA
P
C(Ta=25℃)
1.25
W
P
C(Tc=25℃)
10
W
T
j
150
℃
T
stg
-55~150
℃
佛山市一名电子科技有限公司
Foshan Eming Electronics technology Co.,Ltd.


Similar Part No. - 2SC2688

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2688 NEC-2SC2688 Datasheet
140Kb / 3P
NPN Silicon Transistor
logo
Unisonic Technologies
2SC2688 UTC-2SC2688 Datasheet
192Kb / 5P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SC2688 SAVANTIC-2SC2688 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
logo
Unisonic Technologies
2SC2688 UTC-2SC2688 Datasheet
262Kb / 5P
NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SC2688 SAVANTIC-2SC2688 Datasheet
105Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2688

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com