Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1876 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1876
Description  Dual 20W Audio Power Amplifier with Mute and Standby Modes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1876 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1876 Datasheet HTML 1Page - National Semiconductor (TI) LM1876 Datasheet HTML 2Page - National Semiconductor (TI) LM1876 Datasheet HTML 3Page - National Semiconductor (TI) LM1876 Datasheet HTML 4Page - National Semiconductor (TI) LM1876 Datasheet HTML 5Page - National Semiconductor (TI) LM1876 Datasheet HTML 6Page - National Semiconductor (TI) LM1876 Datasheet HTML 7Page - National Semiconductor (TI) LM1876 Datasheet HTML 8Page - National Semiconductor (TI) LM1876 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM1876 Overture™ Audio Power Amplifier Series
Dual 20W Audio Power Amplifier with Mute and Standby
Modes
General Description
The LM1876 is a stereo audio amplifier capable of delivering
typically 20W per channel of continuous average output
power into a 4
Ω or 8Ω load with less than 0.1% THD+N.
Each amplifier has an independent smooth transition fade-
in/out mute and a power conserving standby mode which
can be controlled by external logic.
The performance of the LM1876, utilizing its Self Peak In-
stantaneous Temperature (˚Ke) (SPiKe™) protection cir-
cuitry, places it in a class above discrete and hybrid amplifi-
ers by providing an inherently, dynamically protected Safe
Operating Area (SOA). SPiKe protection means that these
parts are safeguarded at the output against overvoltage,
undervoltage, overloads, including thermal runaway and in-
stantaneous temperature peaks.
Key Specifications
jTHD+N at 1kHz at 2 x 15W continuous average
output power into 4
Ω or 8Ω:
0.1% (max)
jTHD+N at 1kHz at continuous average
output power of 2 x 20W into 8
Ω:
0.009% (typ)
jStandby current:
4.2mA (typ)
Features
n
SPiKe protection
n
Minimal amount of external components necessary
n
Quiet fade-in/out mute mode
n
Standby-mode
n
Isolated 15-lead TO-220 package
n
Non-Isolated 15-lead TO-220 package
n
Wide supply range 20V - 64V
Applications
n
High-end stereo TVs
n
Component stereo
n
Compact stereo
Connection Diagram
Plastic Package
01207202
Top View
Isolated Package
Order Number LM1876TF
See NS Package Number TF15B
Non-Isolated Package
Order Number LM1876T
See NS Package Number TA15A
SPiKe™ Protection and Overture™ are trademarks of National Semiconductor Corporation.
July 2003
© 2003 National Semiconductor Corporation
DS012072
www.national.com


Similar Part No. - LM1876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM1876 TI1-LM1876 Datasheet
1Mb / 27P
Audio Power Amplifier Series
LM1876 TI2-LM1876 Datasheet
1Mb / 26P
LM1876 Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
REVISED APRIL 2013
logo
National Semiconductor ...
LM1876T NSC-LM1876T Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM1876T TI1-LM1876T Datasheet
1Mb / 27P
Audio Power Amplifier Series
More results

Similar Description - LM1876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
3 Channel 20W Audio Power Amplifier with Mute and Standby
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com