Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP601 Datasheet(PDF) 2 Page - Multicomp Pro

Part # CP601
Description  Single Phase Bridge Rectifier CP6 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CP601 Datasheet(HTML) 2 Page - Multicomp Pro

  CP601 Datasheet HTML 1Page - Multicomp Pro CP601 Datasheet HTML 2Page - Multicomp Pro CP601 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Single Phase Bridge Rectifier
CP6 Series
Page <2>
09/006/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
CP600
CP601
CP602
CP606
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
600
V
Maximum RMS Bridge Input Voltage
35
70
140
420
Maximum DC Blocking Voltage
50
100
200
600
Maximum Average Forward Current at TA = 50°C See Figure 2
6
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-Wave Superimposed on Rated Load
125
Maximum Forward Voltage Per Bridge Element
Specified Current at 3 A dc and 50°C See Figure 3
1.1
V
Maximum Reverse Leakage at Rated DC Blocking
Voltage per Element at 25°C
See Figure 4 at 100°C
10
1
µA
mA
I2t Rating for Fusing (t
<8.35 ms)
127
A2S
Typical Junction Capacitance Per Leg (Note 4) CJ
186
pF
Typical Thermal Resistance Per Leg (Note 3) R
θJA
Typical Thermal Resistance Per Leg (Note 2) R
θJC
22
7.3
°C / W
Operating Temperature Range TJ
-55 to +125
°C
Storage Temperature Range TA
-55 to +150
Notes:
1. Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for maximum heat transfer with
number 6 screw
2. Unit mounted on 5 × 6 × 0.11 Inches thick (14 × 15 × 0.3 cm) Aluminium plate
3. Unit mounted on PCB at 0.395 Inches (9.5 mm) lead length with 0.5 × 0.5 Inches (12 × 12 mm) copper pads
4. Measured at 1 MHz and applied reverse voltage of 4 V
Rating and Characteristics Curves
Ambient Temperature (°C)
Figure 1 - Derating Curve for Output Rectified Current
Instantaneous Forward Voltage, (V)
Figure 2 - Typical Instantaneous Forward
Characteristics (25°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com