Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP601 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CP601
Description  Single Phase Bridge Rectifier CP6 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CP601 Datasheet(HTML) 1 Page - Multicomp Pro

  CP601 Datasheet HTML 1Page - Multicomp Pro CP601 Datasheet HTML 2Page - Multicomp Pro CP601 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Phase Bridge Rectifier
CP6 Series
Page <1>
09/006/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• High surge current capability
• PCB mounted / screw fixing
• Surge overload ratings to 125 Amperes
• Low forward voltage, and reverse leakage
• Small size, simple installation
• Reliable low cost construction utilizing moulded plastic technique
Mechanical Data :
Mounting Position
: Any
Weight
: 0.2 ounce, 5.6 g
Terminals
: Lead solderable per MIL-STD-202 Method 208
Mounting Torque
: 5 Inches lb maximum
Dimensions : Millimetres
Maximum Ratings and Electrical Characteristics :
Ratings at 25°C ambient temperature unless otherwise specified
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%


Similar Part No. - CP601

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP601 PANJIT-CP601 Datasheet
32Kb / 2P
VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
logo
Transys Electronics
CP601 TRSYS-CP601 Datasheet
112Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
Pan Jit International I...
CP6010 PANJIT-CP6010 Datasheet
32Kb / 2P
VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
logo
CUI INC
CP60131H CUI-CP60131H Datasheet
946Kb / 10P
PELTIER MODULE
CP60131H CUI-CP60131H Datasheet
948Kb / 10P
PELTIER MODULE
More results

Similar Description - CP601

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com