Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902-EP Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2902-EP
Description  LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2902-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2902-EP Datasheet HTML 4Page - Texas Instruments LM2902-EP Datasheet HTML 5Page - Texas Instruments LM2902-EP Datasheet HTML 6Page - Texas Instruments LM2902-EP Datasheet HTML 7Page - Texas Instruments LM2902-EP Datasheet HTML 8Page - Texas Instruments LM2902-EP Datasheet HTML 9Page - Texas Instruments LM2902-EP Datasheet HTML 10Page - Texas Instruments LM2902-EP Datasheet HTML 11Page - Texas Instruments LM2902-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
5.6 Electrical Characteristics: LM2902-Q1, LM2902KV-Q1, LM2902KAV-Q1
For VS = (V+) – (V–) = 5V, at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP(2)
MAX
UNIT
VIO
Input offset voltage
VCC = 5V to 26V, VIC = VICRmin,
VO = 1.4V
25°C
3
7
mV
Full Range
10
IIO
Input offset current
VO = 1.4V
25°C
2
50
nA
Full Range
300
IIB
Input bias current
VO = 1.4V
25°C
–20
–250
nA
Full Range
–500
VICR
Common-mode input voltage
range
VCC = 5V to 26V
25°C
V-
(V+) - 1.5
V
Full Range
V-
(V+) - 2
VOH
High-level output voltage
RL = 10kΩ
25°C
(V+) – 1.5
V
VCC = 26V,
RL = 2kΩ
Full Range
22
VCC = 26V
RL ≥ 10kΩ
Full Range
23
24
VOL
Low-level output voltage
RL ≤ 10kΩ
Full Range
5
20
mV
AVD
Large-signal differential voltage
amplification
VCC= 15V, VO= 1V to 11V, RL ≥ 2kΩ
25°C
100
V/mV
Full Range
15
CMRR
Common-mode rejection ratio
VIC = VICRmin
25°C
50
80
dB
kSVR
Supply-voltage rejection ratio
(∆VCC /∆VIO)
25°C
50
100
dB
VO1/ VO2 Crosstalk attenuation
f = 1kHz to 20kHz
25°C
120
dB
IO
Output current
VCC = 15V, VO = 0
VID = 1V,
25°C
–20
–30
–60
mA
Full Range
–10
VCC = 15V, VO = 15V VID = −1V,
25°C
10
20
Full Range
5
VID = −1V
VO = 200mV
25°C
30
µA
IOS
Short-circuit output current
VCC at 5V,
GND at −5V
VO = 0
25°C
±40
±60
mA
ICC
Supply current (four amplifiers)
VO = 2.5V
No load
Full Range
0.7
1.2
mA
VCC = 26V,
VO = 0.5VCC
No load
Full Range
1.4
3
VIO
Input offset voltage
VCC = 5V to 32V,
VIC = VICRmin
VO = 1.4V
Non-A devices
25°C
3
7
mV
Full Range
10
A-suffix
devices
25°C
1
2
Full Range
4
∆VIO/∆T
Temperature drift
RS = 0Ω
Full Range
7
µV/°C
IIO
Input offset current
VO = 1.4V
25°C
2
50
nA
Full Range
150
∆IIO/∆T
Temperature drift
Full Range
10
pA/°C
IIB
Input bias current
VO = 1.4V
25°C
–20
–250
nA
Full Range
–500
VICR
Common-mode input voltage
range
VCC = 5V to 32V
25°C
0 to VCC– 1.5
V
Full Range 0 to VCC – 2
VOH
High-level output voltage
RL = 10kΩ
25°C
VCC – 1.5
V
VCC = 32V
RL = 2kΩ
Full Range
26
VCC = 32V
RL ≥ 10kΩ
Full Range
27
VOL
Low-level output voltage
RL ≤ 10kΩ
Full Range
5
20
mV
LM2902-Q1, LM2902B-Q1, LM2902BA-Q1
SGLS178I – AUGUST 2003 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM2902-Q1 LM2902B-Q1 LM2902BA-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com