Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902-EP Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2902-EP
Description  LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2902-EP Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2902-EP Datasheet HTML 8Page - Texas Instruments LM2902-EP Datasheet HTML 9Page - Texas Instruments LM2902-EP Datasheet HTML 10Page - Texas Instruments LM2902-EP Datasheet HTML 11Page - Texas Instruments LM2902-EP Datasheet HTML 12Page - Texas Instruments LM2902-EP Datasheet HTML 13Page - Texas Instruments LM2902-EP Datasheet HTML 14Page - Texas Instruments LM2902-EP Datasheet HTML 15Page - Texas Instruments LM2902-EP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
5.8 Typical Characteristics (continued)
This typical characteristics section is applicable for LM2902B-Q1 and LM2902BA-Q1. Typical characteristics data in this
section was taken with TA = 25°C, VS = 36V (±18V), VCM = VS / 2, RLOAD = 10kΩ connected to VS / 2 (unless otherwise
noted).
Figure 5-13. Input Voltage Noise Spectral Density vs Frequency
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
100
1k
10k
RL = 2 k
RL = 10 k
G = 1, f = 1kHz, BW = 80kHz,
VOUT = 10VPP, RL connected to V–
Figure 5-14. THD+N Ratio vs Frequency, G = 1
G = –1, f = 1kHz, BW = 80kHz,
VOUT = 10VPP, RL connected to V–
See Section 6
Figure 5-15. THD+N Ratio vs Frequency, G = –1
G = 1, f = 1kHz, BW = 80kHz,
RL connected to V–
Figure 5-16. THD+N vs Output Amplitude, G = 1
LM2902-Q1, LM2902B-Q1, LM2902BA-Q1
SGLS178I – AUGUST 2003 – REVISED NOVEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM2902-Q1 LM2902B-Q1 LM2902BA-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com