Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972A Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4972A
Description  2A SWITCHINGREGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4972A Datasheet HTML 4Page - STMicroelectronics L4972A Datasheet HTML 5Page - STMicroelectronics L4972A Datasheet HTML 6Page - STMicroelectronics L4972A Datasheet HTML 7Page - STMicroelectronics L4972A Datasheet HTML 8Page - STMicroelectronics L4972A Datasheet HTML 9Page - STMicroelectronics L4972A Datasheet HTML 10Page - STMicroelectronics L4972A Datasheet HTML 11Page - STMicroelectronics L4972A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ELECTRICAL CHARACTERISTICS (continued)
DC CHARACTERISTICS
Symbo l
Parameter
T est Cond iti on
Mi n.
Typ.
Max.
Unit
F ig.
V11on
Turn-on Threshold
10
11
12
V
7A
V11 Hyst
Turn-off Hysteresys
1
V
7A
I11Q
Quiescent Current
V8 =0; S1 = D
13
19
mA
7A
I11OQ
Operating Supply Current
V8 = 0; S1 = B; S2 = B
16
23
mA
7A
I20L
Out Leak Current
Vi = 55V; S3 = A; V8 =0
2
mA
7A
SOFT START (pin 8)
Symbo l
Parameter
T est Cond iti on
Mi n.
Typ.
Max.
Unit
F ig.
I8
Soft Start Source Current
V8 = 3V; V9 = 0V
80
115
150
µA7B
V8
Output Saturation Voltage
I8 = 20mA; V11 = 10V
I8 = 200
µA; V11 = 10V
1
0.7
V
V
7B
7B
ERROR AMPLIFIER
Symbo l
Parameter
T est Cond iti on
Mi n.
Typ.
Max.
Unit
F ig.
V7H
High Level Out Voltage
I7 = 100
µA; S1 = C
V9 = 4.7V
6V
7C
V7L
Low Level Out Voltage
I7 = 100
µA; S1 = C
V9 = 5.3V;
1.2
V
7C
I7H
Source Output Current
V7 = 1V; V7 = 4.7V
100
150
µA7C
-I7L
Sink Output Current
V7 = 6V; V9 = 5.3V
100
150
µA7C
I9
Input Bias Current
S1 = B; RS = 10K
Ω
0.4
3
µA7C
GV
DC Open Loop Gain
S1 = A; RS =10
Ω
60
dB
7C
SVR
Supply Voltage Rejection
15 < Vi < 50V
60
80
dB
7C
VOS
Input Offset Voltage
RS =50
Ω S1 = A
2
10
mV
7C
RAMP GENERATOR (pin 18)
Symbo l
Parameter
T est Cond iti on
Mi n.
Typ.
Max.
Unit
F ig.
V18
Ramp Valley
S1 = B; S2 = B
1.2
1.5
V
7A
V18
Ramp Peak
S1 = B
Vi = 15V
S2 = B
Vi = 45V
2.5
5.5
V
V
7A
7A
I18
Min. Ramp Current
S1 = A; I17 = 100
µA
270
300
µA7A
I18
Max. Ramp Current
S1 = A; I17 = 1mA
2.4
2.7
mA
7A
SYNC FUNCTION (pin 10)
Symbo l
Parameter
T est Cond iti on
Mi n.
Typ.
Max.
Unit
F ig.
V10
Low Input Voltage
Vi = 15V to 50V; V8 =0;
S1 = B; S2 = B; S4 = B
–0.3
0.9
V
7A
V10
High Input voltage
V8 = 0;
S1 = B; S2 = B; S4 = B
2.5
5.5
V
7A
I10L
Sync Input Current with Low
Input Voltage
V10 =V18 = 0.9V; S4 = B;
S1 = B; S2 = B
0.4
mA
7A
I10H
Input Current with
High
Input Voltage
V10 = 2.5V
1.5
mA
7A
V10
Output Amplitude
4
5
V
–
tW
Output Pulse Width
Vthr = 2.5V
0.3
0.5
0.8
µs–
L4972A-L4972AD
8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com