Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972A Datasheet (PDF) - STMicroelectronics

L4972A Datasheet PDF - STMicroelectronics
Part # L4972A
Download  L4972A Download
File Size   339.0 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2A SWITCHINGREGULATOR

L4972A Datasheet (PDF)

Go To PDF Page Download Datasheet
L4972A Datasheet PDF - STMicroelectronics

Part # L4972A
Download  L4972A Click to download

File Size   339.0 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2A SWITCHINGREGULATOR

L4972A Datasheet (HTML) - STMicroelectronics


L4972A Product details

Description
The L4972A is a stepdown monolithic power switching regulator delivering 2A at a voltage variable from 5.1 to 40V.
   
Features
■ 2A OUTPUT CURRENT
■ 5.1V TO 40V OUTPUT VOLTAGE RANGE
■ 0 TO 90% DUTY CYCLE RANGE
■ INTERNAL FEED-FORWARD LINE REG.
■ INTERNAL CURRENT LIMITING
■ PRECISE 5.1V ± 2% ON CHIP REFERENCE
■ RESET AND POWER FAIL FUNCTIONS
■ INPUT/OUTPUT SYNC PIN
■ UNDER VOLTAGE LOCK OUT WITH
    HYSTERETIC TURN-ON
■ PWM LATCH FOR SINGLE PULSE PER
    PERIOD
■ VERY HIGH EFFICIENCY
■ SWITCHING FREQUENCY UP TO 200KHz
■ THERMAL SHUTDOWN
■ CONTINUOUS MODE OPERATION
   




Similar Part No. - L4972A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4972A STMICROELECTRONICS-L4972A Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
L4972AD STMICROELECTRONICS-L4972AD Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
L4972AD013TR STMICROELECTRONICS-L4972AD013TR Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
L4972A STMICROELECTRONICS-L4972A_05 Datasheet
1Mb / 22P
2A SWITCHING REGULATOR
May-2005
More results


Similar Description - L4972A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-03E SANYO-SB20-03E Datasheet
79Kb / 3P
30V, 2A Rectifier
SB20-05F SANYO-SB20-05F Datasheet
77Kb / 3P
50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
50V, 2A Rectifier
SB20-05T SANYO-SB20-05T Datasheet
78Kb / 3P
50V, 2A Rectifier
SB20-18 SANYO-SB20-18 Datasheet
81Kb / 3P
80V, 2A Rectifier
logo
Leshan Radio Company
RL201 LRC-RL201 Datasheet
51Kb / 2P
2A GENERAL DIODES
logo
Advanced Monolithic Sys...
AMS1067 AMS-AMS1067 Datasheet
5Mb / 5P
2A Output Current
logo
Unisonic Technologies
UCR2PM UTC-UCR2PM Datasheet
169Kb / 3P
2A TRIAC
logo
JIEJIE MICROELECTRONICS...
ACJT2 JIEJIE-ACJT2 Datasheet
558Kb / 7P
2A TRIACs
logo
Shenzhenshi YONGFUKANG ...
CS5256E YONGFUKANG-CS5256E Datasheet
2Mb / 8P
2A IC
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com