Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201 Datasheet (PDF) - Leshan Radio Company

RL201 Datasheet PDF - Leshan Radio Company
Part # RL201
Download  RL201 Download
File Size   51.63 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2A GENERAL DIODES

RL201 Datasheet (PDF)

Go To PDF Page Download Datasheet
RL201 Datasheet PDF - Leshan Radio Company

Part # RL201
Download  RL201 Click to download

File Size   51.63 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2A GENERAL DIODES

RL201 Datasheet (HTML) - Leshan Radio Company


RL201 Product details

Reverse Voltage 50 to 1000V Forward Current 2.0A

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* High temperature metallurgically
   bonded construction
* Diffused junction
* Capable of meeting environmental standards
   of MIL-S-19500
* 2.0 A operation at TA=55°C with no thermal runaway
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
   260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
More results


Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SB60A SHINDENGEN-D2SB60A Datasheet
299Kb / 6P
General Purpose Rectifiers(600V 2A)
logo
Leshan Radio Company
FR201 LRC-FR201 Datasheet
50Kb / 2P
2A FAST RECOVERY DIODES
logo
Rohm
2SB1690 ROHM-2SB1690 Datasheet
75Kb / 3P
General purpose amplification(-12V, -2A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
General purpose amplification (-12V, -2A)
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
General purpose amplification(-12V, -2A)
logo
Alpha & Omega Semicondu...
AOZ1905 AOSMD-AOZ1905 Datasheet
572Kb / 16P
EZBoost 2A General Purpose Regulator
logo
Frontier Electronics.
GP20-005-LFR FRONTIER-GP20-005-LFR Datasheet
121Kb / 2P
2A GENERAL PURPOSE PLASTIC RECTIFIER
GP20-005R FRONTIER-GP20-005R Datasheet
121Kb / 2P
2A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shindengen Electric Mfg...
D1FJ8 SHINDENGEN-D1FJ8 Datasheet
1Mb / 7P
Schottky Barrier Diodes 80V, 2A
D2FL40U SHINDENGEN-D2FL40U Datasheet
1Mb / 7P
Fast Recovery Diodes 400V, 2A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com