Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL201 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RL201
Description  2A GENERAL DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RL201 Datasheet(HTML) 1 Page - Leshan Radio Company

  RL201 Datasheet HTML 1Page - Leshan Radio Company RL201 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
26A–1/2
2A
2A GENERAL DIODES
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
2.0
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
RL201– RL207
75
70
5.0
2.0
1.1
DO – 15
RL201
RL202
RL203
RL204
RL205
RL206
RL207
50
100
200
400
600
800
1000
.140(3.6)
DIA
.104(2.6)
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
.034(0.9)
DIA
.028(0.7)
1.0(25.4)
MIN
DO – 15


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SB60A SHINDENGEN-D2SB60A Datasheet
299Kb / 6P
General Purpose Rectifiers(600V 2A)
logo
Leshan Radio Company
FR201 LRC-FR201 Datasheet
50Kb / 2P
2A FAST RECOVERY DIODES
logo
Rohm
2SB1690 ROHM-2SB1690 Datasheet
75Kb / 3P
General purpose amplification(-12V, -2A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
General purpose amplification (-12V, -2A)
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
General purpose amplification(-12V, -2A)
logo
Alpha & Omega Semicondu...
AOZ1905 AOSMD-AOZ1905 Datasheet
572Kb / 16P
EZBoost 2A General Purpose Regulator
logo
Frontier Electronics.
GP20-005-LFR FRONTIER-GP20-005-LFR Datasheet
121Kb / 2P
2A GENERAL PURPOSE PLASTIC RECTIFIER
GP20-005R FRONTIER-GP20-005R Datasheet
121Kb / 2P
2A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shindengen Electric Mfg...
D1FJ8 SHINDENGEN-D1FJ8 Datasheet
1Mb / 7P
Schottky Barrier Diodes 80V, 2A
D2FL40U SHINDENGEN-D2FL40U Datasheet
1Mb / 7P
Fast Recovery Diodes 400V, 2A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com