Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28301PVC Datasheet(PDF) 12 Page - SpectraLinear Inc

Part # CY28301PVC
Description  Frequency Generator for Intel(r) Integrated Chipset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28301PVC Datasheet(HTML) 12 Page - SpectraLinear Inc

Back Button CY28301PVC Datasheet HTML 5Page - SpectraLinear Inc CY28301PVC Datasheet HTML 6Page - SpectraLinear Inc CY28301PVC Datasheet HTML 7Page - SpectraLinear Inc CY28301PVC Datasheet HTML 8Page - SpectraLinear Inc CY28301PVC Datasheet HTML 9Page - SpectraLinear Inc CY28301PVC Datasheet HTML 10Page - SpectraLinear Inc CY28301PVC Datasheet HTML 11Page - SpectraLinear Inc CY28301PVC Datasheet HTML 12Page - SpectraLinear Inc CY28301PVC Datasheet HTML 13Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CY28301
Rev 1.0, November 27, 2006
Page 12 of 13
PCI
TPeriod
PCI CLK Period
30.0
N/A
30.0
N/A
30.0
N/A
ns
4, 7
THIGH
PCI CLK High Time
12.0
N/A
12.0
N/A
12.0
N/A
ns
5
TLOW
PCI CLK Low Time
12.0
N/A
12.0
N/A
12.0
N/A
ns
6
TRISE
PCI CLK Rise Time
0.5
2.0
0.5
2.0
0.5
2.0
ns
TFALL
PCI CLK Fall Time
0.5
2.0
0.5
2.0
0.5
2.0
ns
tpZL, tpZH
Output Enable Delay (All outputs)
1.0
10.0
1.0
10.0
1.0
10.0
ns
tpLZ, tpZH
Output Disable Delay
(All outputs)
1.0
10.0
1.0
10.0
1.0
10.0
ns
tstable
All Clock Stabilization from
Power-Up
33
3
ms
AC Electrical Characteristics[2] (TA = 0°C to +70°C, VDDQ3 = 3.3V ±5%, VDDQ2= 2.5V ±5% fXTL = 14.31818 MHz)
Parameter
Description
66.6-MHz Host
100-MHz Host
133-MHz Host
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Group Skew and Jitter Limits
Output Group
Pin-Pin Skew Max.
Cycle-Cycle Jitter
Duty Cycle
Nom. VDD
Skew, Jitter
Measure Point
CPU
175 ps
250 ps
45/55
2.5V
1.25V
SDRAM
250 ps
250 ps
45/55
3.3V
1.5V
APIC
250 ps
500 ps
45/55
2.5V
1.25V
48MHz
250 ps
500 ps
45/55
3.3V
1.5V
3V66
175 ps
500 ps
45/55
3.3V
1.5V
PCI
500 ps
500 ps
45/55
3.3V
1.5V
REF
N/A
1000 ps
45/55
3.3V
1.5V
Clock Output Wave
2.5V Clocking
3.3V Clocking
Test Point
Test Load
TPERIOD
Duty Cycle
THIGH
2.0
1.25
0.4
TLOW
TRISE
TFALL
TLOW
TRISE
TFALL
TPERIOD
Duty Cycle
THIGH
2.4
1.5
0.4
Output
Buffer
Interface
Interface
Figure 1. Output Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com