Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28301PVC Datasheet(PDF) 13 Page - SpectraLinear Inc

Part # CY28301PVC
Description  Frequency Generator for Intel(r) Integrated Chipset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28301PVC Datasheet(HTML) 13 Page - SpectraLinear Inc

Back Button CY28301PVC Datasheet HTML 5Page - SpectraLinear Inc CY28301PVC Datasheet HTML 6Page - SpectraLinear Inc CY28301PVC Datasheet HTML 7Page - SpectraLinear Inc CY28301PVC Datasheet HTML 8Page - SpectraLinear Inc CY28301PVC Datasheet HTML 9Page - SpectraLinear Inc CY28301PVC Datasheet HTML 10Page - SpectraLinear Inc CY28301PVC Datasheet HTML 11Page - SpectraLinear Inc CY28301PVC Datasheet HTML 12Page - SpectraLinear Inc CY28301PVC Datasheet HTML 13Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev 1.0, November 27, 2006
Page 13 of 13
CY28301
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
Package Drawing and Dimension
Ordering Information
Ordering Code
Package Type
Operating Range
CY28301PVC
56-pin SSOP (300 mils)
Commercial, 0°C to 70°C
CY28301PVCT
56-pin SSOP (300 mils) - Tape and Reel
Commercial, 0°C to 70°C
56-LeadShrunkSmall OutlinePackageO56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com