Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4871 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4871
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4871 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4871 Datasheet HTML 1Page - National Semiconductor (TI) LM4871 Datasheet HTML 2Page - National Semiconductor (TI) LM4871 Datasheet HTML 3Page - National Semiconductor (TI) LM4871 Datasheet HTML 4Page - National Semiconductor (TI) LM4871 Datasheet HTML 5Page - National Semiconductor (TI) LM4871 Datasheet HTML 6Page - National Semiconductor (TI) LM4871 Datasheet HTML 7Page - National Semiconductor (TI) LM4871 Datasheet HTML 8Page - National Semiconductor (TI) LM4871 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM4871
3W Audio Power Amplifier with Shutdown Mode
General Description
The LM4871 is a mono bridged audio power amplifier ca-
pable of delivering 3W of continuous average power into a
3
Ω load with less than 10% THD when powered by a 5V
power supply (Note 1). To conserve power in portable appli-
cations, the LM4871’s micropower shutdown mode (I
Q =
0.6µA, typ) is activated when V
DD is applied to the SHUT-
DOWN pin.
Boomer audio power amplifiers are designed specifically to
provide high power, high fidelity audio output. They require
few external components and operate on low supply volt-
ages from 2.0V to 5.5V. Since the LM4871 does not require
output coupling capacitors, bootstrap capacitors, or snubber
networks, it is ideally suited for low-power portable systems
that require minimum volume and weight.
Additional LM4871 features include thermal shutdown pro-
tection, unity-gain stability, and external gain set.
Note 1: An LM4871LD that has been properly mounted to a circuit board will
deliver 3W into 3
Ω (at 10% THD). The other package options for the LM4871
will deliver 1.5W into 8
Ω (at 10% THD). See the Application Information
sections for further information concerning the LM4871LD, LM4871MM,
LM4871M, and the LM4871N.
Key Specifications
n
PO at 10% THD+N, 1kHz
n
LM4871LD: 3
Ω ,4Ω loads
3W (typ), 2.5W (typ)
n
All other LM4871 packages: 8
Ω load
1.5W (typ)
n
Shutdown current
0.6µA (typ)
n
Supply voltage range
2.0V to 5.5V
n
THD at 1kHz at 1W continuous average output power
into 8
Ω
0.5% (max)
Features
n
No output coupling capacitors, bootstrap capacitors, or
snubber circuits required
n
Unity-gain stable
n
LLP, MSOP, SO, or DIP packaging
n
External gain configuration capability
n
Pin compatible with the LM4861
Applications
n
Portable computers
n
Desktop computers
n
Low voltage audio systems
Connection Diagrams
MSOP, Small Outline, and DIP Package
LLP Package
10000802
Top View
Order Number LM4871MM, LM4871M, or LM4871N
See NS Package Number MUA08A, M08A, or N08E
10000839
Top View
Order Number LM4871LD
See NS Package Number LDC08A
Boomer® is a registered trademark of National Semiconductor Corporation.
January 2003
© 2004 National Semiconductor Corporation
DS100008
www.national.com


Similar Part No. - LM4871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4871 TI1-LM4871 Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
LM4871 TI2-LM4871 Datasheet
1Mb / 30P
LM4871 3W Audio Power Amplifier with Shutdown Mode
REVISED MAY 2013
logo
List of Unclassifed Man...
LM4871 ETC-LM4871 Datasheet
1Mb / 15P
Audio Power Amplifier
logo
Texas Instruments
LM4871LD TI1-LM4871LD Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
3W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4871MM TI1-LM4871MM Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4991 TI-LM4991_15 Datasheet
989Kb / 22P
3W Audio Power Amplifier with Shutdown Mode
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com