Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-25AP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR-25AP
Description  Air Temperature RTD Probe With M12 Connection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR-25AP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR-25AP Datasheet HTML 1Page - List of Unclassifed Manufacturers PR-25AP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-2
To Order
Model Number
Probe Diameter
Probe Length
Mounting Thread
PR-25AP-A-0600-0-M12
¼"
6"
No thread
PR-25AP-A-1200-0-M12
¼"
12"
No thread
PR-25AP-A-1800-0-M12
¼"
18"
No thread
PR-25AP-A-0600-1/2-M12
¼"
6"
1
⁄2 NPT
PR-25AP-A-1200-1/2-M12
¼"
12"
1
⁄2 NPT
PR-25AP-A-1800-1/2-M12
¼"
18"
1
⁄2 NPT
PR-25AP-A-0600-3/8-M12
¼"
6"
3
⁄8 NPT
PR-25AP-A-1200-3/8-M12
¼"
12"
3
⁄8 NPT
PR-25AP-A-1800-3/8-M12
¼"
18"
3
⁄8 NPT
PR-25AP-A-0600-1/4-M12
¼"
6"
1
⁄4 NPT
PR-25AP-A-1200-1/4-M12
¼"
12"
1
⁄4 NPT
PR-25AP-A-1800-1/4-M12
¼"
18"
1
⁄4 NPT
Note: option 1 wiring standard.
For option 2 wiring add
“-2” to end of model number, no additional charge.
For 1
⁄3 DIN accuracy, change “-A-” to “-1/3-” after the “-25AP-” in the model number for an additional cost.
For 1
⁄10 DIN accuracy, change “-A-” to “-1/10-” after the “-25AP-” in the model; number for an additional cost.
A limited selection of Pt1000 elements are available, please consult sales.
Ordering Examples: PR-25AP-A-0600-A-M12, Pt100, Class A RTD sensor with ¼" diameter by 6" long probe, M12 connection with no mounting
threads.
PR-25AP-1/10-1200-1/2-M12, Pt100, Class 1
⁄10 DIN RTD sensor with 1⁄4" diameter by 12" long probe, M12 connection with 1⁄2 NPT mounting threads.
PR-25AP-A-1200-0-M12, shown with M12C-SIL-4-R-F-1.5.
Don’t Forget
to
Order a M12
Extension
Cable to Easily
Connect
Your Sensor
to Your
Instrumentation
44.5
(1.75)
32
(1.25)
M12CM-T24SSPC-SF-2
cable, sold separately.
M12CM-T24SSPC-RF-2
cable, sold separately.
28.5
(1.125)
Optional extension cable.
Dimensions: mm (in)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com