Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-25AP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR-25AP
Description  Air Temperature RTD Probe With M12 Connection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR-25AP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR-25AP Datasheet HTML 1Page - List of Unclassifed Manufacturers PR-25AP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-1
L
Air Temperature
RTD Probe
With M12 Connection
U
Pt100 RTD with Class
A Accuracy Standard
(Tighter Accuracy
Options Available)
U
316L Stainless Steel
Probe and Housing
with Vent Holes
Around Element
U
Temperature Range:
-100 to 250°C
(-148 to 500ºF)
U
M12, 4-Pin, A-Coded
Plug Connector for
Easy Installation
U
Available With or Without
NPT Mounting Threads
U
Probe Will Withstand
400 psi (27.6 bar)
Differential Pressure
Between Airstream and
Ambient Conditions
PR-25AP Series
This sensor combines the
usefulness of our ultra-precise air
measurement RTD sensors with
the convenience of our PR-21 M12
enabled RTD sensors. The design
of the probe includes a perforated
sheath over the sensing element
shielding it from debris while
allowing airflow to directly reach
the element. This results in
a sensor which is capable of
providing accurate, fast responding
temperature measurements.
OMEGA also offers a wide variety
of compression fittings, extension
cables and measurement and
control instruments which allow
you to fully customize the system
to best meet your measurement
and control needs.
PR-25AP-A-0600-1/4-M12
shown smaller
than actual size.
PR-25AP-A-0600-0-M12
shown smaller
than actual size.
PR-25AP probe tip,
close-up
0.66"
diameter
19
⁄16" diameter
1
⁄4" diameter
1
⁄4 NPT
9
⁄16 Hex
ACCURACY
IEC CLASS
A
(±0.15ºC @ 0ºC)
Pt100
Pt100/
Pt1000
Pt100
Pt100/
Pt1000
Option 1
Option 2


Similar Part No. - PR-25AP

ManufacturerPart #DatasheetDescription
logo
CUI INC
PR-2555B CUI-PR-2555B Datasheet
389Kb / 3P
DC POWER RECEPTACLE
logo
CUI Devices
PR-2555B CUID-PR-2555B Datasheet
373Kb / 3P
DC POWER RECEPTACLE
11/13/2019
More results

Similar Description - PR-25AP

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TP-203A-CF-H1141-L100 TURCK-TP-203A-CF-H1141-L100 Datasheet
188Kb / 2P
Temperature measurement Probe
TP-203A-CF-H1141-L150 TURCK-TP-203A-CF-H1141-L150 Datasheet
188Kb / 2P
Temperature measurement Probe
TP-206A-CF-H1141-L100 TURCK-TP-206A-CF-H1141-L100 Datasheet
275Kb / 2P
Temperature measurement Probe
TP-206A-CF-H1141-L150 TURCK-TP-206A-CF-H1141-L150 Datasheet
275Kb / 2P
Temperature measurement Probe
logo
Cyntec Co., Ltd.
CYN-8Y-001 CYNTEC-CYN-8Y-001 Datasheet
1Mb / 7P
SD50114XXX, PT RTD probe sensor
CYN-8Y-002 CYNTEC-CYN-8Y-002 Datasheet
1Mb / 5P
SD10244XXX, PT RTD probe sensor
logo
Schneider Electric
TM7ACTHA SCHNEIDER-TM7ACTHA Datasheet
92Kb / 1P
connector TM7 - M12 - with temperature probe
Aug 10, 2019
logo
E+E Elektronik Ges.m.b....
EE074 EPLUSE-EE074 Datasheet
1Mb / 8P
Temperature Probe with Modbus RTU
03-2023
EE471 EPLUSE-EE471 Datasheet
1Mb / 9P
Temperature Sensor with Remote Probe
09-2023
EE671 EPLUSE-EE671 Datasheet
1Mb / 8P
HVAC Air Velocity Probe
08-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com