Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4930 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 17Page - National Semiconductor (TI) LM4930 Datasheet HTML 18Page - National Semiconductor (TI) LM4930 Datasheet HTML 19Page - National Semiconductor (TI) LM4930 Datasheet HTML 20Page - National Semiconductor (TI) LM4930 Datasheet HTML 21Page - National Semiconductor (TI) LM4930 Datasheet HTML 22Page - National Semiconductor (TI) LM4930 Datasheet HTML 23Page - National Semiconductor (TI) LM4930 Datasheet HTML 24Page - National Semiconductor (TI) LM4930 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Typical Performance Characteristics (Note 16) (Continued)
PCM DAC Frequency Response Zoom
(Headphone Output)
THD+N vs PCM Input Voltage
(Handsfree Output, 0dB Handsfree Gain)
20072051
20072052
THD+N vs PCM Input Voltage
(Headphone Output, 0dB Headphone Gain)
Crosstalk
(AV
DD = 5V and AVDD = 3V, Headphone Output)
20072053
200720F9
PSRR vs Frequency
(AV
DD = 3V, RL =16
Ω, Headphone Output)
PSRR vs Frequency
(AV
DD = 3V, RL =32
Ω, Headphone Output)
200720G0
200720G1
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com