Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4930 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4930
Description  Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4930 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4930 Datasheet HTML 9Page - National Semiconductor (TI) LM4930 Datasheet HTML 10Page - National Semiconductor (TI) LM4930 Datasheet HTML 11Page - National Semiconductor (TI) LM4930 Datasheet HTML 12Page - National Semiconductor (TI) LM4930 Datasheet HTML 13Page - National Semiconductor (TI) LM4930 Datasheet HTML 14Page - National Semiconductor (TI) LM4930 Datasheet HTML 15Page - National Semiconductor (TI) LM4930 Datasheet HTML 16Page - National Semiconductor (TI) LM4930 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Electrical Characteristics DV
DD = 3.3V, AVDD = 5V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2, 8) (Continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A= 25˚C.
Symbol
Parameter
Conditions
LM4930
Units
(Limits)
Typical
(Note 6)
Limits
(Notes 7,
15)
f
CLKPCM
PCM_CLK Frequency
PCM_SYNC_MODE = 00
PCM_SYNC_MODE = 01
PCM_SYNC_MODE = 10
128
256
512
kHz
PCM_CLK Duty Cycle
50
40
60
% (min)
% (max)
f
CLKI2S
I2S_CLK Frequency
I2S_RES = 0
I2S_RES = 1
1.536
3.072
MHz
I2S_CLK Duty Cycle
50
40
60
% (min)
% (max)
Electrical Characteristics DV
DD = 3V, AVDD = 3V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2, 3)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A= 25˚C.
Symbol
Parameter
Conditions
LM4930
Units
(Limits)
Typical
(Note 6)
Limits
(Notes 7,
15)
DI
DD
Digital Power Supply Current
f
MCLK = 12.288MHz
Output Mode = "0010"
Output Mode = "0011"
Output Mode = "0100"
1.6
Output Mode = "0101"
Output Mode = "0110"
Output Mode = "0111"
3.8
Output Mode = "1000"
Output Mode = "1001"
Output Mode = "1010"
4.2
7
mA (max)
AI
DD
Analog Power Supply Quiescent
Current
f
MCLK = 12.288MHz; No Load
Output Mode = "0010"
5.8
Output Mode = "0011"
5.1
Output Mode = "0100"
6.5
Output Mode = "0101"
6.4
Output Mode = "0110"
5.8
Output Mode = "0111"
7.0
Output Mode = "1000"
Output Mode = "1001"
Output Mode = "1010"
7.5
12
mA (max)
DI
SD
Digital Powerdown Current
f
MCLK = 12.288MHz
Output Mode = "0000" Powerdown Mode
1
7
µA (max)
AI
SD
Analog Powerdown Current
f
MCLK = 12.288MHz
Output Mode = "0000" Powerdown Mode
0.6
1.5
µA (max)
DI
ST
Digital Standby Current
f
MCLK = 12.288MHz
Output Mode = "0001" Standby Mode
1.1
1.7
mA (max)
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com