Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISU6131 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISU6131
Description  Ultrafast Soft Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISU6131 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISU6131 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISU6131 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISU6131 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISU6131
eq APT30D120BG
Ultrafast Soft Recovery Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 30A
--
2.0
2.5
V
IF= 60A
--
2.3
--
V
IF= 30A,TJ=125℃
--
1.8
--
V
IR
Reverse Current
VR=VRRM, TJ=25℃
--
--
250
uA
VR=VRRM,TJ=150℃
--
--
500
PACKAGE OUTLINE (UNIT: MM)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com