Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISU6131 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISU6131
Description  Ultrafast Soft Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISU6131 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISU6131 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISU6131 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISU6131 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISU6131
eq APT30D120BG
Ultrafast Soft Recovery Diode
www.iscsemi.com
1
DESCRIPTION
· Ultrafast Recovery Times
· Soft Recovery Characteristics
· Low Losses
· Low Noise Switching
APPLICATIONS
· Switch Mode Power Supply (SMPS)
· Uninterruptible Power Supply (UPS)
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
1200
V
VRMS
RMS Voltage
1200
V
VDC
DC Blocking Voltage
1200
V
IFAV
Average Forward Rectified Current
TC = 128℃, Duty Cycle = 0.5
30
A
IF(RMS)
RMS Forward Current
(Square wave, 50% duty)
59
A
IFSM
Peak Forward Surge Current 8.3ms
TJ = 45℃, 8.3ms
210
A
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - ISU6131

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISU6107 ISC-ISU6107 Datasheet
377Kb / 2P
Silicon CarbideSchottky Rectifier Diode
ISU6117 ISC-ISU6117 Datasheet
531Kb / 3P
Fast Recovery Diode
ISU6126 ISC-ISU6126 Datasheet
267Kb / 2P
Super Fast Recovery Diode
ISU6155 ISC-ISU6155 Datasheet
314Kb / 2P
Fast Recovery Rectifier Diode
ISU6156 ISC-ISU6156 Datasheet
298Kb / 2P
Fast Recovery Diode
More results

Similar Description - ISU6131

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA280NJ60D IRF-HFA280NJ60D Datasheet
224Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140MD60D IRF-HFA140MD60D Datasheet
286Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140NH60 IRF-HFA140NH60 Datasheet
320Kb / 5P
Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
Ultrafast, Soft Recovery Diode
HFA04TB60SPBF IRF-HFA04TB60SPBF Datasheet
240Kb / 7P
ULTRAFAST, SOFT RECOVERY DIODE
HFB16HY20CC IRF-HFB16HY20CC Datasheet
123Kb / 5P
Ultrafast, Soft Recovery Diode
HFA15PB60PBF IRF-HFA15PB60PBF Datasheet
216Kb / 6P
Ultrafast, Soft Recovery Diode
HFA06TB120PBF IRF-HFA06TB120PBF Datasheet
166Kb / 7P
Ultrafast, Soft Recovery Diode
HFA16TA60CPBF IRF-HFA16TA60CPBF Datasheet
194Kb / 6P
Ultrafast, Soft Recovery Diode
HFA04TB60PBF IRF-HFA04TB60PBF Datasheet
185Kb / 6P
Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com