Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2250RM-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2250RM-R2
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250RM-R2 Datasheet(HTML) 1 Page - Analog Devices

  SSM2250RM-R2 Datasheet HTML 1Page - Analog Devices SSM2250RM-R2 Datasheet HTML 2Page - Analog Devices SSM2250RM-R2 Datasheet HTML 3Page - Analog Devices SSM2250RM-R2 Datasheet HTML 4Page - Analog Devices SSM2250RM-R2 Datasheet HTML 5Page - Analog Devices SSM2250RM-R2 Datasheet HTML 6Page - Analog Devices SSM2250RM-R2 Datasheet HTML 7Page - Analog Devices SSM2250RM-R2 Datasheet HTML 8Page - Analog Devices SSM2250RM-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Mono 1.5 W/Stereo 250 mW
Power Amplifier
SSM2250
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Part of SoundMAX® audio solution for desktop computers
Mono 1.5 W differential or stereo 250 mW output
Single-supply operation: 2.7 V to 6 V
Low shutdown current = 60 μA
PC99 compliant
Low distortion: 0.2% THD at 1.5 W
Wide bandwidth: 4 MHz
Unity-gain stable
APPLICATIONS
Desktop, portable, and palmtop computers
Sound cards
Communication headsets
2-way communications
Hand-held games
GENERAL DESCRIPTION
The SSM2250 is intended for use in desktop computers that
have basic audio functions. It is also ideal for any audio system
that needs to provide both an internal monaural speaker and
a stereo line or headphone output. Combined with an AC97
codec, it provides a PC audio system that meets the PC99
requirements. The SSM2250 is compact and requires a mini-
mum of external components.
The SSM2250 features an audio amplifier capable of delivering
1.5 W of low distortion power into a mono 4 Ω bridge-tied load
(BTL) or 2 × 90 mW into stereo 32 Ω single-ended load (SE)
headphones. Both amplifiers provide rail-to-rail outputs for
maximum dynamic range from a single supply. The balanced
output provides maximum output from a 5 V supply and
eliminates the need for a coupling capacitor.
The SSM2250 can automatically switch between an internal
mono speaker and external headphones. The device can run
from a single supply, ranging from 2.7 V to 6 V, with an active
supply current of 9 mA typical. The ability to shut down the
amplifiers (60 μA shutdown current) makes the SSM2250 an
ideal speaker amplifier for battery-powered applications.
The SSM2250 is specified over the industrial (−40°C to +85°C)
temperature range. It is available in a 14-lead TSSOP and a
10-lead, surface mount MSOP package.
PIN CONFIGURATIONS
SSM2250
TOP VIEW
(Not to Scale)
LEFT IN
1
SHUTDOWN
2
SE/BTL
3
GND
4
RIGHT IN
5
LEFT OUT/BTL–
VDD
BTL+
BYPASS
RIGHT OUT
10
9
8
7
6
Figure 1. 10-Lead MSOP Pin Configuration
(RM Suffix)
NC
LEFT IN
SHUTDOWN
SE/BTL
+GND
RIGHT IN
NC
114
78
SSM2250
NC
LEFT OUT/BTL
VDD
BTL+
BYPASS
RIGHT OUT
NC
NC = NO CONNECT
Figure 2. 14-Lead TSSOP Pin Configuration
(RU Suffix)
FUNCTIONAL BLOCK DIAGRAM
A1
A2
A3
LEFT SE/
MONO BTL
OUT–
VDD
VDD
MONO BTL
OUT+
RIGHT
SE OUT
BTL/SE
SELECT
SHUTDOWN
CLICK AND POP
REDUCTION
BIAS
SWITCHING
CIRCUITRY
LEFT IN
BYPASS CAP
RIGHT IN
VDD
GND
Figure 3.


Similar Part No. - SSM2250RM-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250RM AD-SSM2250RM Datasheet
287Kb / 10P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV.0
More results

Similar Description - SSM2250RM-R2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV.0
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
350-mW MONO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Analog Devices
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
Mono 1.5 W / Stereo 300mW Power Amplifier
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com