Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4981A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4981A
Description  POWER FACTOR CORRECTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4981A Datasheet HTML 8Page - STMicroelectronics L4981A Datasheet HTML 9Page - STMicroelectronics L4981A Datasheet HTML 10Page - STMicroelectronics L4981A Datasheet HTML 11Page - STMicroelectronics L4981A Datasheet HTML 12Page - STMicroelectronics L4981A Datasheet HTML 13Page - STMicroelectronics L4981A Datasheet HTML 14Page - STMicroelectronics L4981A Datasheet HTML 15Page - STMicroelectronics L4981A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Figure 19: 200W Evaluation Board Circuit.
T= primary: 75 turns of litz wire 20 x 32 AWG (0.2mm)
secondary: 8 turns of # 27AWG (0.15mm)
core: B1ET3411A THOMSON - CSF
gap: 1.4mm for a total primary inductance of 0.7mH
fsw = 100kHz; VO = 400V;
PO = 200W
NOTE:
Start Up Circuit
Usually the VCC capacitor (C11 in fig. 19) can be charged by a resistor
drawing current from the rectified mains. In the evaluation board
instead the start up circuit composed by (Q2+R19+R15+Dz) has
been designed to perform a fast and effective supply in all the
conditions. Once that the L4981A/B has started, the reference
voltage available at pin 6 by R20 and Q3, ensures Q2 to be turned
off.
Programmable Under voltage Lockout
The PCB allows to insert a couple of resistor (R22, R23) to modify
the threshold input voltage. Please refer to fig. 16 and table1.
L4981A - L4981B
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com