Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4981A Datasheet(PDF) 14 Page - STMicroelectronics

Part # L4981A
Description  POWER FACTOR CORRECTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L4981A Datasheet HTML 9Page - STMicroelectronics L4981A Datasheet HTML 10Page - STMicroelectronics L4981A Datasheet HTML 11Page - STMicroelectronics L4981A Datasheet HTML 12Page - STMicroelectronics L4981A Datasheet HTML 13Page - STMicroelectronics L4981A Datasheet HTML 14Page - STMicroelectronics L4981A Datasheet HTML 15Page - STMicroelectronics L4981A Datasheet HTML 16Page - STMicroelectronics L4981A Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
The evaluation board has been designed using: a
faster not dissipative start-up circuit, a diode (D2)
to speed-up the MOS start-off time and (even if a
single resistor can be used) an external divider to
improve the precision of the overcurrent thresh-
old.
Further there is a possibility to change the input
threshold voltage using an external divider (R23
and R22) and if an inrush current problem arises
a NTC resistor can be used.
The PFC demoboard performances has been
evaluated testing the following parameters:
PF (power factor), A-THD (percentage of current
total harmonic distortion), H3..H9 (percentage of
current’s n
th
harmonic amplitude),
∆Vo (output
voltage ripple), Vo (output voltage),
η (efficiency).
The test configuration, equipments and results
are:
AC POWER
SOURCE
LARCET /3KW
PM1200
AC POWER
ANALYSER
EMI
FILTER
PFC
L4981
DEMO
LOAD
D94IN057
Vi
fPi
PF
A-THD
H3
H5
H7
H9
VO
∆VO
PO
η
(Vrms)
(Hz)
(W)
(%)
(%)
(%)
(%)
(%)
(V)
(V)
(W)
(%)
88
60
222
0.999
2.94
1.98
0.61
0.55
0.70
390
8
200
90.2
110
60
220
0.999
1.79
1.40
0.40
0.31
0.28
392
8
201
91.6
132
60
218
0.999
1.71
1.16
0.40
0.35
0.31
394
8
202
92.8
180
50
217
0.999
1.88
1.52
0.65
0.40
0.34
396
8
203
93.8
220
50
217
0.997
2.25
1.68
0.83
0.57
0.48
398
8
204
94.2
260
50
216
0.995
3.30
1.84
1.30
0.39
0.73
400
8
205
95.2
EMI/RFI FILTER
The harmonic content measurement has been
done using an EMI/RFI filter interposed between
the AC source and the demoboard under test,
while the efficiency has been calculated without
the filter contribution.
C1
D94IN052
T1
T2
C
LINE
PFC
EARTH
where:
T1 = 1mH
C1 = 0.33
µF, 630V
T2 = 27mH
C2 = 2.2nF, 630V
L4981A - L4981B
14/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com