Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP292GS Datasheet(PDF) 6 Page - Analog Devices

Part # OP292GS
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP292GS Datasheet HTML 2Page - Analog Devices OP292GS Datasheet HTML 3Page - Analog Devices OP292GS Datasheet HTML 4Page - Analog Devices OP292GS Datasheet HTML 5Page - Analog Devices OP292GS Datasheet HTML 6Page - Analog Devices OP292GS Datasheet HTML 7Page - Analog Devices OP292GS Datasheet HTML 8Page - Analog Devices OP292GS Datasheet HTML 9Page - Analog Devices OP292GS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. B
OP292/OP492
–6–
TCVOS
µV/ C
240
0
8
60
30
1
0
120
90
150
180
210
7
6
5
4
3
2
VS = 5V
VCM = 0V
40 C
TA
125 C
600 OP AMPS
TPC 7. OP292 Temperature Drift (TCVOS) Distribution @
±15 V
125
25
50
100
50
25
075
TEMPERATURE
C
VS = 5V
VO = 4V
RL = 2k
RL = 10k
600
0
300
100
200
500
400
TPC 8. OP292 Open-Loop Gain vs. Temperature @ 5 V
250
0
125
150
50
25
100
50
200
100
75
50
25
0
TEMPERATURE
C
VS = 15V
VO = 10V
RL = 10k
RL = 2k
TPC 9. OP292 Open-Loop Gain vs. Temperature @
±15 V
200
0
8
50
25
1
0
100
75
125
150
175
7
6
5
4
3
2
TCVOS
µV/ C
VS = 15V
VCM = 0V
40 C
TA
125 C
600 OP AMPS
TPC 10. OP492 Temperature Drift (TCVOS) Distribution @
±15 V
900
0
125
200
100
25
50
300
400
500
600
700
800
100
75
50
25
0
TEMPERATURE
C
VS = 5V
VO = 4V
RL = 2k
RL = 10k
TPC 11. OP492 Open-Loop Gain vs. Temperature @ 5 V
125
25
50
100
75
50
25
0
TEMPERATURE – C
400
0
100
50
200
150
250
300
350
VS = 15V
VO = 10V
RL = 2k
RL = 10k
TPC 12. OP492 Open-Loop Gain vs. Temperature @
±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com