Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP292GS Datasheet(PDF) 16 Page - Analog Devices

Part # OP292GS
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GS Datasheet(HTML) 16 Page - Analog Devices

Back Button OP292GS Datasheet HTML 12Page - Analog Devices OP292GS Datasheet HTML 13Page - Analog Devices OP292GS Datasheet HTML 14Page - Analog Devices OP292GS Datasheet HTML 15Page - Analog Devices OP292GS Datasheet HTML 16Page - Analog Devices OP292GS Datasheet HTML 17Page - Analog Devices OP292GS Datasheet HTML 18Page - Analog Devices OP292GS Datasheet HTML 19Page - Analog Devices OP292GS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. B
OP292/OP492
–16–
* OP492 SPICE Macro-model
REV. B, 6/93
*
ARG / PMI
*
* Copyright 1993 by Analog Devices
*
* Refer to “README.DOC” file for License Statement. Use of
* this model indicates your acceptance of the terms and pro-
* visions in the License Statement.
*
* Node assignments
*
noninverting input
*
inverting input
*
positive supply
*
negative supply
*
output
.SUBCKT OP492
2
1
99
50 34
*
* INPUT STAGE AND POLE AT 40 MHz
I1
99
4
50E-6
IOS
2
1
10E-9
EOS
2
3
POLY(1) (21,30) 1.5E-3 75
CIN
1
2
3E-12
Q1
517QP
Q2
638QP
R3
5
50
2E3
R4
6
50
2E3
R5
4
7
966
R6
4
8
966
C1
5
6
.995E-12
*
* GAIN STAGE
*
* EREF 98
0
(30,0)
1
G1
98
9
(5,6)
500E-6
R7
9
98
210.819E3
D1
9
10
DX
D2
11
9
DX
V1
99
10
.6
V2
11
50
.6
*
* ZERO/POLE AT 6 MHz/12 MHz
*
E1
12
98
(9,30)
2
R8
12
13
1
R9
13
98
1
C3
12
13
26.526E-9
*
* ZERO AT 15 MHz
*
E2
14
98
(13,30) 1E6
R10
14
15
1E6
R11
15
98
1
C4
14
15
10.610E-15
*
* COMMON-MODE STAGE WITH ZERO AT 40 kHz
*
ECM
20
98
POLY(2) (1,30) (2,30) 0 0.5 0.5
R20
20
21
1E6
R21
21
98
1
C5
20
21
3.979E-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com