Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4987 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4987
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4987 Datasheet(HTML) 1 Page - STMicroelectronics

  L4987 Datasheet HTML 1Page - STMicroelectronics L4987 Datasheet HTML 2Page - STMicroelectronics L4987 Datasheet HTML 3Page - STMicroelectronics L4987 Datasheet HTML 4Page - STMicroelectronics L4987 Datasheet HTML 5Page - STMicroelectronics L4987 Datasheet HTML 6Page - STMicroelectronics L4987 Datasheet HTML 7Page - STMicroelectronics L4987 Datasheet HTML 8Page - STMicroelectronics L4987 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L4987
SERIES
VERY LOW DROP VOLTAGE REGULATORS
WITH INHIBIT AND DROPOUT CONTROL FLAG
October 1998
s
VERY LOW DROPOUT VOLTAGE (0.25V
TYP.)
s
DROPOUT CONTROL FLAG
s
VERY LOW QUIESCENT CURRENT
(TYP. 90
µA IN OFF MODE, 500µAIN ON
MODE)
s
OUTPUT CURRENT UP TO 200 mA
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
OUTPUT VOLTAGES OF 3V, 5V 8.7V 12V
s
INTERNAL CURRENT AND THERMAL LIMIT
s
ONLY 2.2
µF FOR STABILITY
s
AVAILABLE IN
± 2% SELECTION AT 25 oC
s
SUPPLY VOLTAGE REJECTION: 70 dB (TYP.)
DESCRIPTION
The L4987 is a very low drop regulator available
in PPAK. The very low drop-voltage (0.5V Max at
200 mA) and the very low quiescent current make
it particularly suitable for low noise, low power
applications, and in battey powered systems. The
input dump protection up to 40V makes it ideal for
automotive
applications.
a
shutdown
Logic
Control
function
is
available
(pin2,
TTL
compatible). This means that when the device is
used as a local regulator, it is possible to put a
part of the boad in standby, decreasing the total
power consumption. The regulator employs an
output pin (open collector) providing a logic signal
when the pass transistor is in saturation at low
input voltage, this signal can be used to prevent
the pop-up phenomenon in the car radio. In
battery powered systems (the cellular phone,
notebook) it is possible to use the flag to monitor
the battery charge status through the dropout of
the regulator.
SCHEMATIC DIAGRAM
PPAK
®
1/11


Similar Part No. - L4987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4987CPT33TR STMICROELECTRONICS-L4987CPT33TR Datasheet
346Kb / 16P
Dropout control flag
26-Sep-2007
L4987CPT50TR STMICROELECTRONICS-L4987CPT50TR Datasheet
346Kb / 16P
Dropout control flag
26-Sep-2007
L4987CXX STMICROELECTRONICS-L4987CXX Datasheet
346Kb / 16P
Dropout control flag
26-Sep-2007
L4987Cxx33 STMICROELECTRONICS-L4987Cxx33 Datasheet
346Kb / 16P
Dropout control flag
26-Sep-2007
L4987Cxx50 STMICROELECTRONICS-L4987Cxx50 Datasheet
346Kb / 16P
Dropout control flag
26-Sep-2007
More results

Similar Description - L4987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com