Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4987 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4987
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT AND DROPOUT CONTROL FLAG
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4987 Datasheet(HTML) 2 Page - STMicroelectronics

  L4987 Datasheet HTML 1Page - STMicroelectronics L4987 Datasheet HTML 2Page - STMicroelectronics L4987 Datasheet HTML 3Page - STMicroelectronics L4987 Datasheet HTML 4Page - STMicroelectronics L4987 Datasheet HTML 5Page - STMicroelectronics L4987 Datasheet HTML 6Page - STMicroelectronics L4987 Datasheet HTML 7Page - STMicroelectronics L4987 Datasheet HTML 8Page - STMicroelectronics L4987 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
40
V
Io
Output Current
I nternally limited
mA
Ptot
Power Dissipation
I nternally limited
mW
Tstg
Storage Temperature Range
- 40 to 150
o C
Top
Operating Junction Temperature Range
- 40 to 125
o C
Absolute Maximum Rating are those values beyond wich damage to the device may occur. Functional operation under these conditions is
not implied.
THERMAL DATA
Symbol
Parameter
DPAK/PPAK
Unit
Rthj-ca se
Rthj-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
8
100
oC/W
oC/W
CONNECTION DIAGRAM (top view)
ORDERING NUMBERS
Type
Output Voltage
L4987CPT30 (*)
L4987CPT50 (*)
L4987CPT87 (*)
L4987CPT120 (*)
3V
5V
8. 7 V
12 V
(*) Available even in tape & reel
L4987 SERIES
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com