Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GP Datasheet(PDF) 4 Page - Analog Devices

Part # OP482GP
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GP Datasheet(HTML) 4 Page - Analog Devices

  OP482GP Datasheet HTML 1Page - Analog Devices OP482GP Datasheet HTML 2Page - Analog Devices OP482GP Datasheet HTML 3Page - Analog Devices OP482GP Datasheet HTML 4Page - Analog Devices OP482GP Datasheet HTML 5Page - Analog Devices OP482GP Datasheet HTML 6Page - Analog Devices OP482GP Datasheet HTML 7Page - Analog Devices OP482GP Datasheet HTML 8Page - Analog Devices OP482GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP282/OP482
Rev. F | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameters
Ratings
Supply Voltage
±18 V
Input Voltage
±18 V
Differential Input Voltage1
36 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
P-Suffix (N), S-Suffix (R), RM Packages
−65°C to +150°C
Operating Temperature Range
OP282G, OP282A, OP482G
−40°C to +85°C
Junction Temperature Range
P-Suffix (N), S-Suffix (R), RM Packages
−65°C to +150°C
Lead Temperature Range (Soldering 60 sec)
300°C
1 For supply voltages less than ±18 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3.
Package Type
θJA1
θJC
Unit
8-Lead MSOP [RM]
206
44
°C/W
8-Lead SOIC (S-Suffix) [R]
157
56
°C/W
14-Lead PDIP (P-Suffix) [N]
83
39
°C/W
14-Lead SOIC (S-Suffix) [R]
104
36
°C/W
1 θJA is specified for the worst-case conditions; i.e., θJA is specified for device in
socket for CERDIP, PDIP; θJA is specified for device soldered in circuit board
for SOIC or MSOP package.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com