Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482GP Datasheet(PDF) 11 Page - Analog Devices

Part # OP482GP
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482GP Datasheet(HTML) 11 Page - Analog Devices

Back Button OP482GP Datasheet HTML 7Page - Analog Devices OP482GP Datasheet HTML 8Page - Analog Devices OP482GP Datasheet HTML 9Page - Analog Devices OP482GP Datasheet HTML 10Page - Analog Devices OP482GP Datasheet HTML 11Page - Analog Devices OP482GP Datasheet HTML 12Page - Analog Devices OP482GP Datasheet HTML 13Page - Analog Devices OP482GP Datasheet HTML 14Page - Analog Devices OP482GP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP282/OP482
Rev. F | Page 11 of 16
100
–20
40
0
20
80
60
1M
1k
100
100k
10k
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
VCM = 100mV
Figure 41. OP482 Common-Mode Rejection Ratio (CMRR) vs. Frequency
0
600
700
300
100
200
400
500
2000
–1600
–2000
1600
1200
800
400
0
–400
–800
–1200
VOS (µV)
VS = ±15V
TA = 25°C
300
× OP482
(1200 OP AMPS)
Figure 42. OP482 VOS Distribution P Package
320
0
80
40
160
120
200
240
280
0
32
28
24
12
20
16
8
4
TCVOS (µV/°C)
Figure 43. OP482 TCVOS Distribution P Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com