Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249FZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP249FZ
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249FZ Datasheet(HTML) 4 Page - Analog Devices

  OP249FZ Datasheet HTML 1Page - Analog Devices OP249FZ Datasheet HTML 2Page - Analog Devices OP249FZ Datasheet HTML 3Page - Analog Devices OP249FZ Datasheet HTML 4Page - Analog Devices OP249FZ Datasheet HTML 5Page - Analog Devices OP249FZ Datasheet HTML 6Page - Analog Devices OP249FZ Datasheet HTML 7Page - Analog Devices OP249FZ Datasheet HTML 8Page - Analog Devices OP249FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
OP249
Rev. F | Page 4 of 20
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 2.
OP249G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Offset Voltage
VOS
0.4
2.0
mV
Input Bias Current
IB
VCM = 0 V, TA = 25°C
40
75
pA
Input Offset Current
IOS
VCM = 0 V TA = 25°C
10
25
pA
Input Voltage Range1
IVR
12.5
V
±11
V
−12.0
V
Common-Mode Rejection
CMR
VCM = ±11 V
76
90
dB
Power Supply Rejection Ratio
PSRR
VS = ±4.5 V to ±18 V
12
50
μV/V
Large Signal Voltage Gain
AVO
VO = ±10 V; RL = 2 kΩ
500
1100
V/mV
Output Voltage Swing
VO
RL = 2 kΩ
12.5
V
±12.0
V
−12.5
V
Short-Circuit Current Limit
ISC
Output shorted to ground
36
mA
±20
±50
mA
−33
mA
Supply Current
ISY
No load; VO = 0 V
5.6
7.0
mA
Slew Rate
SR
RL = 2 kΩ, CL = 50 pF
18
22
V/μs
Gain Bandwidth Product2
GBW
4.7
MHz
Settling Time
tS
10 V step 0.01%
0.9
1.2
μs
Phase Margin
ΘM
0 dB gain
55
Degree
Differential Input Impedance
ZIN
1012||6
Ω||pF
Open-Loop Output Resistance
RO
35
Ω
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
μV p-p
Voltage Noise Density
en
fO = 10 Hz
75
nV/√Hz
fO = 100 Hz
26
nV/√Hz
fO = 1 kHz
17
nV/√Hz
fO = 10 kHz
16
nV/√Hz
Current Noise Density
in
fO = 1 kHz
0.003
pA/√Hz
Voltage Supply Range
VS
±4.5
±15
±18
V
1 Guaranteed by CMR test.
2 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com