Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249FZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP249FZ
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249FZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP249FZ Datasheet HTML 7Page - Analog Devices OP249FZ Datasheet HTML 8Page - Analog Devices OP249FZ Datasheet HTML 9Page - Analog Devices OP249FZ Datasheet HTML 10Page - Analog Devices OP249FZ Datasheet HTML 11Page - Analog Devices OP249FZ Datasheet HTML 12Page - Analog Devices OP249FZ Datasheet HTML 13Page - Analog Devices OP249FZ Datasheet HTML 14Page - Analog Devices OP249FZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OP249
Rev. F | Page 11 of 20
160
180
140
120
100
80
60
40
20
0
–1000 –800 –600 –400 –200
0
200
400
600
800 1000
VOS (µV)
TA = 25°C
VS = ±15V
415 × OP249
(830 OP AMPS)
Figure 30. VOS Distribution (N-8)
240
300
210
180
150
120
90
60
30
0
270
02468
10
12
14
16
18
20
22
24
TCVOS (µV/°C)
VS = ±15V
–40°C TO +85°C
(830 OP AMPS)
Figure 31. TCVOS Distribution (N-8)
50
20
30
0
40
10
TIME AFTER POWER APPLIED (Minutes)
012
34
5
VS = ±15V
Figure 32. Offset Voltage Warm-Up Drift
100
1k
10k
10
1
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
VS = ±15V
VCM = 0V
Figure 33. Input Bias Current vs. Temperature
COMMON-MODE VOLTAGE (V)
–15
–10
–5
0
5
10
15
104
103
102
101
100
TA = 25°C
VS = ±15V
Figure 34. Bias Current vs. Common-Mode Voltage
50
20
30
0
40
10
TA = 25°C
VS = ±15V
TIME AFTER POWER APPLIED (Minutes)
02
468
10
Figure 35. Bias Current Warm-Up Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com